Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8285SLB-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A8285SLB-T
Description  LNB Supply and Control Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8285SLB-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A8285SLB-T Datasheet HTML 1Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 2Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 3Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 4Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 5Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 6Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 7Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 8Page - Allegro MicroSystems A8285SLB-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LNB Supply and Control Voltage Regulator
A8285 and
A8287
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Load Supply Voltage
VIN
16
V
Output Current
IOUT
Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction tempera-
ture of +150°C
Internally Limited
Output Voltage
LNB, BOOST
–0.3 to 28
V
TOUT
–0.3 to 22
V
Logic Input
EXTM
–0.3 to 5
V
Other
–0.3 to 7
V
Logic Output
–0.3 to 7
V
Package Power DIssipation
See power dissipation information in the Application
Information section
––
Operating Temperature
Ambient
TA
–20 to 85
ºC
Junction
TJ
–20 to 150
ºC
Storage
TS
–55 to 150
ºC
Part Number
Pb-free
Package
Description
A8285SLB
16-pin SOIC
Tone detect not provided
A8285SLB-T
Yes
16-pin SOIC
Tone detect not provided
A8287SLB
24-pin SOIC
All features
A8287SLB-T
Yes
24-pin SOIC
All features
Selection Guide


Similar Part No. - A8285SLB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285SLB ALLEGRO-A8285SLB Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
More results

Similar Description - A8285SLB-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
8283 ALLEGRO-8283 Datasheet
157Kb / 8P
   LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
November 21, 2000
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com