Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90634APF Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90634APF
Description  16-bit Proprietary Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90634APF Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90634APF Datasheet HTML 2Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 3Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90634APF Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
6
MB90630A Series
s PIN DESCRIPTION
(Continued)
STBC: Incorporates standby control
*1: LQFP (FPT-100P-M05)
*2: QFP (FPT-100P-M06)
Pin no.
Pin name
Circuit
type
Function
LQFP*1
QFP*2
80
82
X0
A
Oscillator pin
81
83
X1
A
Oscillator pin
50
52
HST
C
Hardware standby input pin
75
77
RST
B
Reset input pin
83 to 90
85 to 92
P00 to P07
D
(STBC)
General-purpose I/O ports
Pull-up resistors can be set (RD07 to RD00 = “1”) using the
pull-up resistor setting register (RDR0). The setting does not
apply for ports set as outputs (D07 to D00 = “1”: invalid at the
output setting).
AD00 to AD07
In external bus mode, the pins function as the lower data I/O or
lower address outputs (AD00 to AD07).
91 to 98
93 to 100 P10 to P17
D
(STBC)
General-purpose I/O ports
Pull-up resistors can be set (RD17 to RD10 = “1”) using the
pull-up resistor setting register (RDR1). The setting does not
apply for ports set as outputs (D17 to D10 = “1”: invalid at the
output setting).
AD08 to AD15
In 16-bit external bus mode, the pins function as the upper data
I/O or middle address outputs (AD08 to AD15).
99, 100,
1 to 6
1 to 8
P20 to P27
H
(STBC)
General-purpose I/O ports
In external bus mode, pins for which the corresponding bit in
the HACR register is “0” function as the P20 to P27 pins.
A16 to A23
In external bus mode, pins for which the corresponding bit in
the HACR register is “1” function as the upper address output
pins (A16 to A23).
79
P30
H
(STBC)
General-purpose I/O port
Functions as the ALE pin in external bus mode.
ALE
Functions as the address latch enable signal.
810
P31
H
(STBC)
General-purpose I/O port
Functions as the RD pin in external bus mode.
RD
Functions as the read strobe output (RD).
10
12
P32
H
(STBC)
General-purpose I/O port
Functions as the WR pin in external bus mode if the WRE bit in
the EPCR register is “1”.
WRL
Functions as the lower data write strobe output (WRL).
11
13
P33
H
(STBC)
General-purpose I/O port
Functions as the WRH pin in 16-bit external bus mode if the
WRE bit in the EPCR register is “1”.
WRH
Functions as the upper data write strobe output (WRH).


Similar Part No. - MB90634APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90634APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com