Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90652APFV Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90652APFV
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90652APFV Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90652APFV Datasheet HTML 1Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 2Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 3Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 4Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90652APFV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
DS07-13607-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16L MB90650A Series
MB90652A/653A/P653A/654A/F654A
s DESCRIPTION
The MB90650A series are 16-bit microcontrollers designed for high speed real-time processing in consumer
product applications such as controlling celluar phones, CD-ROMs, or VTRs. Based on the F2MC*1-16L CPU
core, an F2MC-16L is used as the CPU. This CPU includes high-level language-support instructions and robust
task switching instructions, and additional addressing modes. In order to reduce the consumption current, dual-
clock (main/sub) is used. Furthermore, low consumption power supply is achieved by using stop mode, sleep
mode, watch mode, pseudo-watch mode, CPU intermittent operation mode.
Microcontrollers in this series have built-in peripheral resources including 10-bit A/D converter, 8-bit D/A
converter, UART, 8/16-bit PPG, 8/16-bit up/down counter/timer, I2C interface*2, 8/16-bit I/O timer (input capture,
output compare, and 16-bit free-run timer).
*1:F2MC stands for FUJITSU Flexible Microcontroller.
*2:Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use these
components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined
by Philips.
s FEATURES
F2MC-16L CPU
• Minimum execution time: 62.5 ns/4 MHz oscillation (Uses PLL clock multiplication) maximum multiplier = 4
• Instruction set optimized for controller applications
Object code compatibility with F2MC-16(H)
(Continued)
s PACKAGE
100-pin plastic LQFP
(FPT-100P-M05)
100-pin plastic QFP
(FPT-100P-M06)


Similar Part No. - MB90652APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90611A FUJITSU-MB90611A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APF FUJITSU-MB90611APF Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90611APFV FUJITSU-MB90611APFV Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90613A FUJITSU-MB90613A Datasheet
1Mb / 91P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90652APFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com