Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F583CAPF Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F583CAPF
Description  16-bit Proprietary Microcontroller
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F583CAPF Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F583CAPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F583CAPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
MB90580C Series
5
(Continued)
*1: Connect the oscillator to both terminals XA0 and XA1 for MB90F587C / 583C / F583C.
*2: It is setting of DIP switch S2 when Emulation pod (MB2145-507) is used.
Please refer to the MB2145-507 hardware manual (2.7 Emulator-specific Power Pin) about details.
*3: Varies with conditions such as the operating frequency (See section “s ELECTRICAL CHARACTERISTICS”).
Assurance for the MB90V580B is given only for operation with a tool at a power supply voltage of 4.5 V to 5.5
V, an operating temperature of 0 to +25
°C, and an operating frequency of 1 MHz to 16 MHz.
s
s
s
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
×: Not available
Note: For more information about each package, see section “s PACKAGE DIMENSIONS”.
Item
Part number
MB90587C/CA
MB90583C/CA
MB90F583C/CA
MB90V580B
16-bit
I/O
timer
16-bit
free run timer
Number of channels: 1
Overflow interrupts
Output compare
(OCU)
Number of channels: 2
Pin input factor: A match signal of compare register
Input capture (ICU)
Number of channels: 4
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external interrupt circuit
Number of inputs: 8
Started by a rising edge, a falling edge, an “H” level input, or an “L” level input.
External interrupt circuit or extended intelligent I/O service (EI2OS) can be used.
Delayed interrupt generation
module
An interrupt generation module for switching tasks used in real time operating
systems.
UART0, 1, 2, 3, 4
Clock synchronized transmission (62.5 Kbps to 1 Mbps)
Clock asynchronized transmission (1202 bps to 9615 bps)
Transmission can be performed by bi-directional serial transmission or by master/
slave connection.
A/D converter
Resolution: 8/10-bit changeable
Number of inputs: 8
One-shot conversion mode (converts selected channel only once)
Scan conversion mode
(converts two or more successive channels and can program up to 8 channels.)
Continuous conversion mode (converts selected channel repeatedly)
Stop conversion mode (converts selected channel and stop operation repeatedly)
D/A converter
8-bit resolution
Number of channels: 2 channels
Based on the R-2R system
Low-power consumption
(standby) mode
Sleep/stop/CPU intermittent operation/clock timer/hardware standby
Process
CMOS
Power supply voltage for operation
4.5 V to 5.5 V*3
Package
MB90583C/CA
MB90587C/CA
MB90F583C/CA
FPT-100P-M05
FTP-100P-M06


Similar Part No. - MB90F583CAPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F583CAPF FUJITSU-MB90F583CAPF Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90F583CAPF FUJITSU-MB90F583CAPF Datasheet
614Kb / 112P
   16-bit Proprietary Microcontroller
MB90F583CAPFV FUJITSU-MB90F583CAPFV Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F583CAPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com