Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS2GE3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMS2GE3
Description  Boardmount Qikmate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMS2GE3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMS2GE3 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMS2GE3 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMS2GE3 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMS2GE3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
89
SMS – Boardmount Qikmate
Qikmate
PC-boardmount
connectors
Description
These PC boardmount connectors enable
QIKMATE and preassembled TRIM TRIO
contacts to be PC board mounted, using
conventional solder production techniques.
They will then mate and latch with the
standard QIKMATE plugs.
Straight boardmount QIKMATE is available
in 10 insert arrangements from 2 to 36
positions.
Right-angled boardmount QIKMATE is
available in 3, 6, 12 and 18 positions.
All boardmount connectors are supplied
fully loaded with pin or socket contacts,
either in solid machined or stamped and
formed contacts.
Stamped and formed contact have
selective tin plating on the solder tails, thus
eliminating flux operations.
Features and benefits
• Straight versions available in 10 contact
arrangements from 2 to 36 positions
• Right-angled versions available in 3, 6, 12
and 18 positions.
• All versions are available with:
- Pin or socket contacts
- Stamped and formed or solid machined
contacts.
• Some boardmount connectors have
discrimination cavities in between contact
cavities, thus offering discrimination
without contact loss.
• UL recognized File Nr.: E238675
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 M1 min.
Test potential:
2000 VAC
Current rating:
5 Amp for stamped
contacts
7.5 Amp for machined
contacts
Durability:
500 matings and
unmatings.
Construction
Connector body:
Glass filled thermoplast
UL94-V0
Contacts: High conductive copper alloy
Plating table
Plating for solid machined contacts:
No digit (std) = Min. 0.4µ Gold all over,
over Nickel.
T = 3 - 5µ Tin all over
Plating for Stamped and formed contacts :
K9 (std) = Min. 0.4µ Gold in contact
area, 3 - 5µ Tin on solder tail.
T = 3 - 5µ Tin all over
Intermateability
• “SMS” Qikmate boardmount connectors
with preassembled TRIM TRIO size 16
boarmount contacts are intermateable
only with the “SMS” Qikmate cable plug
connectors equipped with TRIM TRIO
crimp type removable snap-lock contacts
(see contact section)
How to order
SMS
SMS
3
3
GE
SE
12
12
K9
Connector family
Contact arrangement
Contact type:
GE: Solid machined contacts
SE: Stamped and formed contacts
Design variation:
3:
Straight boardmount with female contacts
4:
Straight boardmount with male contacts
5:
Right angle boardmount with female contacts
6:
Right angle boardmount with male contacts
Plating indication


Similar Part No. - SMS2GE3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMS2GE3 ETC2-SMS2GE3 Datasheet
430Kb / 16P
   Quick mating panel and cable connectors
SMS2GE3D70 ETC1-SMS2GE3D70 Datasheet
507Kb / 8P
   Trim Trio Interconnection System
SMS2GE3J ETC1-SMS2GE3J Datasheet
507Kb / 8P
   Trim Trio Interconnection System
More results

Similar Description - SMS2GE3

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
   3M??Boardmount Socket
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
   3M??Boardmount Socket
7164 3M-7164 Datasheet
33Kb / 2P
   Inverse DIN 41612 Boardmount Socket
8510-4500JL 3M-8510-4500JL Datasheet
34Kb / 2P
   .100,  .100, Polarized Boardmount Socket
SBR-RA-29-S 3M-SBR-RA-29-S Datasheet
865Kb / 4P
   Boardmount Right Angle, Through-Hole Receptacle
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
   3M??Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
N10226-5212PC 3M-N10226-5212PC Datasheet
399Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
N10250-52E2PC 3M-N10250-52E2PC Datasheet
410Kb / 6P
   3M??Mini D Ribbon (MDR) Connectors .050??Boardmount Thru-Hole Right Angle Receptacle-Shielded
451 3M-451 Datasheet
376Kb / 9P
   3M™ Ribbon Cable Wiremount Socket Assembly, 451 Series 3M™ Shrouded Boardmount Header Latch and Eject, 452 Series
Rev F
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com