Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE17P00151K Datasheet(PDF) 2 Page - AVX Corporation

Part # VE17P00151K
Description  VE/VF Types for Heavy Duty Applications (P Series)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE17P00151K Datasheet(HTML) 2 Page - AVX Corporation

  VE17P00151K Datasheet HTML 1Page - AVX Corporation VE17P00151K Datasheet HTML 2Page - AVX Corporation VE17P00151K Datasheet HTML 3Page - AVX Corporation VE17P00151K Datasheet HTML 4Page - AVX Corporation VE17P00151K Datasheet HTML 5Page - AVX Corporation VE17P00151K Datasheet HTML 6Page - AVX Corporation VE17P00151K Datasheet HTML 7Page - AVX Corporation VE17P00151K Datasheet HTML 8Page - AVX Corporation VE17P00151K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TPC
19
* VE13 / VF10: For models with V
RMS
≤ 320 V
other version/suffixes available with:
E = 5.08 (0.20) Suffix:
Ø = 0.6 (.024) Bulk: HB
D = 12.5 (.492) max Tape: DA, DB, DC,
DD, DQ, ...
**VE24 / VF20: For lead diameter = 1.0 (.039),
please consult us.
GENERAL CHARACTERISTICS
Storage temperature:
-40°C to +125°C
Max. operating temperature: +85°C
Response time:
< 25 ns
Voltage coefficient temp.:
K < 0.09%/°C
Voltage proof:
2500 V
Epoxy coating:
Flame retardant
UL94-VO
MARKING
Type
AC nominal voltage (EIA coding) for VE types
V
1mA varistor voltage (EIA coding) for VF types
Logo
UL logo (when approved)
Lot number (VE13/17/24 and VF10/14/20 only)
D
Maximum
ø
Type
Type Ceramic
coated
H
t
+10%
E
diameter diameter
max.
max. –0.05 (.002)
± 0.8
VE07
VF05
5 (.196)
7 (.275) 10 (.394)
0.6 (.024) 5.08 (0.20)
VE09
VF07
7 (.275)
9 (.354) 12 (.472)
0.6 (.024) 5.08 (0.20)
VE13* VF10* 10 (.393) 13* (.512) 16 (.630) see
0.8* (.031) 7.62*(0.30)
VE17
VF14
14 (.551) 17 (.669) 20 (.787) table 0.8 (.031) 7.62 (0.30)
VE24** VF20** 20 (.787) 24 (.945) 27 (1.06)
0.8** (.031) 7.62 (0.30)
Max. clamping
Max. energy absorption
Max. permissible
Typical
Mean
Maximum
V/I
Derating
voltage (8 x 20 µs)
(10 x 1000 µs)
peak current
capacitance
power
thickness
characteristic
curves
W (J)
(8 x 20 µs)
f = 1kHz
dissipation
t
Vp (V)
Ip (A)
Number of surges
Ip (A)
1 surge
1 surge
2 surges
pF
W
mm (inches)
Page
Page
340
5
8.5
800
600
90
0.1
4.1 (.161)
34
24
340
10
17.5
1750
1250
250
0.2
4.1 (.161)
34
25
340
25
35
3500
2500
450
0.4
4.7 (.185)
34
26
340
50
70
6000
4500
1000
0.6
4.7 (.185)
35
27
340
100
140
10000
7000
2500
0.8
5.1 (.201)
35
28
360
5
9
800
600
85
0.1
4.2 (.165)
34
24
360
10
19
1750
1250
235
0.2
4.2 (.165)
34
25
360
25
39
3500
2500
425
0.4
4.8 (.189)
34
26
360
50
78
6000
4500`
930
0.6
4.8 (.189)
35
27
360
100
155
10000
7000
2250
0.8
5.2 (.205)
35
28
400
5
10.5
800
600
80
0.1
4.3 (.169)
34
24
400
10
21
1750
1250
220
0.2
4.3 (.169)
34
25
400
25
42
3500
2500
400
0.4
4.9 (.193)
34
26
400
50
85
6000
4500
850
0.6
4.9 (.193)
35
27
400
100
170
10000
7000
2000
0.8
5.3 (.209)
35
28
445
5
11
800
600
70
0.1
4.5 (.177)
34
24
445
10
24
1750
1250
190
0.2
4.5 (.177)
34
25
445
25
50
3500
2500
340
0.4
5.1 (.201)
34
26
445
50
100
6000
4500
750
0.6
5.1 (.201)
35
27
445
100
190
10000
7000
2000
0.8
5.5 (.217)
35
28
545
5
13
800
600
60
0.1
4.9 (.193)
34
24
545
10
28
1750
1250
155
0.2
4.9 (.193)
34
25
545
25
60
3500
2500
275
0.4
5.5 (.217)
34
26
545
50
115
6000
4500
600
0.6
5.5 (.217)
35
27
545
100
230
10000
7000
1650
0.8
5.9 (.232)
35
28
595
5
16
800
600
55
0.1
5.1 (.201)
34
24
595
10
32
1750
1250
140
0.2
5.1 (.201)
34
25
595
25
65
3500
2500
250
0.4
5.7 (.224)
34
26
595
50
130
6000
4500
550
0.6
5.7 (.224)
35
27
595
100
250
10000
7000
1500
0.8
6.1 (.240)
35
28
DIMENSIONS millimeters (inches)
Zinc Oxide Varistors
VE/VF Types for Heavy Duty Applications (“P Series”)


Similar Part No. - VE17P00151K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE17P00251K AVX-VE17P00251K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00301K AVX-VE17P00301K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00321K AVX-VE17P00321K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00351K AVX-VE17P00351K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
VE17P00421K AVX-VE17P00421K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
More results

Similar Description - VE17P00151K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE07P00251K AVX-VE07P00251K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
ITT Industries
AJ3 ITT-AJ3 Datasheet
123Kb / 6P
   AJ3 Joystick for Heavy Duty Applications
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com