Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F016A-70PFTR Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MBM29F016A-70PFTR
Description  16M (2M X 8) BIT
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F016A-70PFTR Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MBM29F016A-70PFTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F016A-70PFTR Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
MBM29F016A-70/-90/-12
s ORDERING INFORMATION
Standard Products
Fujitsu standard products are available in several packages. The order number is formed by a combination of:
MBM29F016
A
-70
PFTN
DEVICE NUMBER/DESCRIPTION
MBM29F016
16 Mega-bit (2 M
× 8-Bit) CMOS Flash Memory
5.0 V-only Read, Write, and Erase
64 K Byte (32 Sectors)
PACKAGE TYPE
PFTN = 48-Pin Thin Small Outline Package
(TSOP) Standard Pinout
PFTR = 48-Pin Thin Small Outline Package
(TSOP) Reverse Pinout
SPEED OPTION
See Product Selector Guide
A = Device Revision


Similar Part No. - MBM29F016A-70PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F016A-70PFTR SPANSION-MBM29F016A-70PFTR Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results

Similar Description - MBM29F016A-70PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV016T FUJITSU-MBM29LV016T Datasheet
600Kb / 52P
   16M (2M x 8) BIT
MBM29F017A FUJITSU-MBM29F017A Datasheet
469Kb / 47P
   16M (2M X 8) BIT
MBM29LV017 FUJITSU-MBM29LV017 Datasheet
600Kb / 52P
   16M (2M X 8) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29F016A SPANSION-MBM29F016A Datasheet
467Kb / 43P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
MBM29F017A SPANSION-MBM29F017A Datasheet
493Kb / 49P
   FLASH MEMORY CMOS 16M (2M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com