Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F080AC-55PFTN Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29F080AC-55PFTN
Description  8M (1M X 8) BIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F080AC-55PFTN Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29F080AC-55PFTN Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F080AC-55PFTN Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Embedded Erase™, Embedded Program™ and ExpressFlash™ are trademarks of Advanced Micro Devices, Inc.
DS05-20850-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
8M (1M
× 8) BIT
MBM29F080A-55/-70/-90
s FEATURES
Single 5.0 V read, write, and erase
Minimizes system level power requirements
Compatible with JEDEC-standard commands
Pinout and software compatible with single-power supply Flash
Superior inadvertent write protection
48-pin TSOP(I) (Package Suffix: PFTN-Normal Bend Type, PFTR-Reverse Bend Type)
40-pin TSOP(I) (Package Suffix: PTN-Normal Bend Type, PTR-Reversed Bend Type)
44-pin SOP (Package Suffix: PF)
Minimum 100,000 write/erase cycles
High performance
55 ns maximum access time
Sector erase architecture
Uniform sectors of 64 K bytes each
Any combination of sectors can be erased. Also supports full chip erase.
Embedded Erase™ Algorithms
Automatically pre-programs and erases the chip or any sector
Embedded Program™ Algorithms
Automatically programs and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
•Low VCC write inhibit
≤ 3.2 V
Hardware RESET pin
Resets internal state machine to the read mode
Erase Suspend/Resume
Supports reading or programming data to a sector not being erased
Sector group protection
Hardware method that disables any combination of sector groups from write or erase operation (a sector group
consists of 2 adjacent sectors of 64 K bytes each)
Temporary sector groups unprotection
Temporary sector unprotection via the RESET pin


Similar Part No. - MBM29F080AC-55PFTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55 SPANSION-MBM29F080A-55 Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PF SPANSION-MBM29F080A-55PF Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PFTN SPANSION-MBM29F080A-55PFTN Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PFTR SPANSION-MBM29F080A-55PFTR Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
More results

Similar Description - MBM29F080AC-55PFTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
   8M (1M x 8) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
   8M (1M X 8/512K X 16) BIT
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
   8M (1M x 8/512 K x 16) BIT
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sharp Corporation
LH538700A SHARP-LH538700A Datasheet
58Kb / 6P
   CMOS 8M (1M x 8) MROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com