Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9822CCWM Datasheet(PDF) 7 Page - Texas Instruments

Part # LM9822CCWM
Description  3 Channel 42-Bit Color Scanner Analog Front End
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM9822CCWM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM9822CCWM Datasheet HTML 3Page - Texas Instruments LM9822CCWM Datasheet HTML 4Page - Texas Instruments LM9822CCWM Datasheet HTML 5Page - Texas Instruments LM9822CCWM Datasheet HTML 6Page - Texas Instruments LM9822CCWM Datasheet HTML 7Page - Texas Instruments LM9822CCWM Datasheet HTML 8Page - Texas Instruments LM9822CCWM Datasheet HTML 9Page - Texas Instruments LM9822CCWM Datasheet HTML 10Page - Texas Instruments LM9822CCWM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
6
www.national.com
Electrical Characteristics (Continued)
Note 9: Typicals are at TJ=TA=25°C, f MCLK = 12MHz, and represent most likely parametric norm.
Note 10: Tested limits are guaranteed to National's AOQL (Average Outgoing Quality Level).
Note 11: Full channel integral non-linearity error is defined as the deviation of the analog value, expressed in LSBs, from the straight line that best fits the actual transfer
function of the AFE.
Note 12: The sensor’s maximum peak differential signal range is defined as the peak sensor output voltage for a white (full scale) image, with respect to the dark reference
level.
Note 13: PGA Gain Error is the maximum difference between the measured gain for any PGA code and the ideal gain calculated using:
where
.
Note 14: Full Channel INL and DNL are tested with CDS disabled, negative signal polarity, DOE = 0, and a single OS input with a gain register setting of 1 (000001b) and
an offset register setting of 0 (000000b).
Note 15: The digital supply current (ID) does not include the load, data and switching frequency dependent current required to drive the digital output bus on pins (D7 - D0).
The current required to switch the digital data bus can be calculated from: Isw = 2*Nd*Psw*CL*VD/tMCLK where Nd is total number of data pins, Psw is the probability of
each data bit switching, CL is the capacitive loading on each data pin, V D is the digital supply voltage and t MCLK is the period of the MCLK input. For most applications, Nd
is 8, Psw is
≈ 0.5, and V
D is 5V,and the switching current can be calculated fr om: Isw = 40* CL/tMCLK. (With
D at 3.3V, the equation becomes: Isw = 26.4*CL/tMCLK.) For
example, if the capacitive load on each digital output pin (D7 - D0) is 20pF and the period of t MCLK is 1/12MHz or 83ns, then the digital switching current would be 9.6mA.
The calculated digital switching current will be drawn through the V D pin and should be considered as part of the total power budget for the LM9822.
Note 16: All specifications quoted in LSBs are based on 12 bit resolution.
VWHITE
VREF
VRFT
CCD Output Signal
CIS Output Signal
VWHIT
Black Level
Gain
PGA
V
V
----


G
0
X
PGA code
32
-----------------------------
+
=X
G
31
G
0
()32
31
------
=


Similar Part No. - LM9822CCWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9822CCWM1 NSC-LM9822CCWM1 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
LM9822CCWMX2 NSC-LM9822CCWMX2 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
More results

Similar Description - LM9822CCWM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9822 NSC-LM9822 Datasheet
242Kb / 22P
   LM9822 3 Channel 42-Bit Color Scanner Analog Front End
LM9823 NSC-LM9823 Datasheet
239Kb / 22P
   LM9823 3 Channel 48-Bit Color Scanner Analog Front End
logo
Winbond
W6662CF WINBOND-W6662CF Datasheet
272Kb / 19P
   SCANNER ANALOG FRONT END
logo
Texas Instruments
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
logo
National Semiconductor ...
LM9832 NSC-LM9832 Datasheet
337Kb / 42P
   LM9832 42-Bit Color, 1200dpi USB Image Scanner
LM9831 NSC-LM9831 Datasheet
320Kb / 41P
   LM9831 42-Bit Color, 1200dpi USB Image Scanner
logo
Texas Instruments
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com