Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF20P10361K Datasheet(PDF) 11 Page - AVX Corporation

Part # VF20P10361K
Description  VE/VF Types for Heavy Duty Applications (P Series)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF20P10361K Datasheet(HTML) 11 Page - AVX Corporation

Back Button VF20P10361K Datasheet HTML 7Page - AVX Corporation VF20P10361K Datasheet HTML 8Page - AVX Corporation VF20P10361K Datasheet HTML 9Page - AVX Corporation VF20P10361K Datasheet HTML 10Page - AVX Corporation VF20P10361K Datasheet HTML 11Page - AVX Corporation VF20P10361K Datasheet HTML 12Page - AVX Corporation VF20P10361K Datasheet HTML 13Page - AVX Corporation VF20P10361K Datasheet HTML 14Page - AVX Corporation VF20P10361K Datasheet HTML 15Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
28
TPC
Zinc Oxide Varistors
Electrical Characteristics VE / VF Types
VE24M/VF20M
>75 V
RMS
Ip
(A)
20
200
2.000
(
µS)
7.000
6.000
5.000
4.000
3.000
2.000
1.000
800
600
400
200
100
80
60
40
20
10
8
6
4
2
1
0.8
1
2
10
10
2
10
3
10 4
10 5
10 6
Ip
(A)
10
100
1000
(
µS)
VE24P/VF20P 130V
RMS to
625V
RMS
10 5
1000
10000
10000
100
10
1
10 6
20
10
1
10
2
10
3
2
10 4
MAXIMUM SURGE CURRENT (Ip)
DERATING CURVES WITH PULSE WIDTH ( ) AND FREQUENCY


Similar Part No. - VF20P10361K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VF20P10391K AVX-VF20P10391K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
More results

Similar Description - VF20P10361K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE07P00251K AVX-VE07P00251K Datasheet
330Kb / 15P
   Zinc Oxide Varistors VE/VF Types for Heavy Duty Applications (?쏱 Series??
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
ITT Industries
AJ3 ITT-AJ3 Datasheet
123Kb / 6P
   AJ3 Joystick for Heavy Duty Applications
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Tyco Electronics
2-1437393-3 MACOM-2-1437393-3 Datasheet
420Kb / 14P
   200 Series Heavy Duty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com