Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F800BA-55 Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MBM29F800BA-55
Description  8M (1M X 8/512K X 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F800BA-55 Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MBM29F800BA-55 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 13Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 14Page - Fujitsu Component Limited. MBM29F800BA-55 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
MBM29F800TA-55/-70/-90/MBM29F800BA-55/-70/-90
*1: A-1 is for Byte mode.
*2: Outputs 01H at protected sector addresses and outputs 00H at unprotected sector addresses.
(B): Byte mode
(W): Word mode
Write
Device erasure and programming are accomplished via the command register. The contents of the register serve
as inputs to the internal state machine. The state machine outputs dictate the function of the device.
The command register itself does not occupy any addressable memory location. The register is a latch used to
store the commands, along with the address and data information needed to execute the command. The
command register is written by bringing WE to VIL, while CE is at VIL and OE is at VIH. Addresses are latched on
the falling edge of WE or CE, whichever happens later; while data is latched on the rising edge of WE or CE,
whichever happens first. Standard microprocessor write timings are used.
Refer to AC Write Characteristics and the Erase/Programming Waveforms for specific timing parameters.
Sector Protection
The MBM29F800TA/BA features hardware sector protection. This feature will disable both program and erase
operations in any number of sectors (0 through 18). The sector protection feature is enabled using programming
equipment at the user’s site. The device is shipped with all sectors unprotected.
Table 4 .1 MBM29F800TA/BA Sector Protection Verify Autoselect Codes
Type
A12 to A18
A6
A1
A0
A-1*1
Code
(HEX)
Manufacture’s Code
X
VIL
VIL
VIL
VIL
04H
Device Code
MBM29F800TA
Byte
XVIL
VIL
VIH
VIL
D6H
Word
X
22D6H
MBM29F800BA
Byte
XVIL
VIL
VIH
VIL
58H
Word
X
2258H
Sector Protection
Sector
Addresses
VIL
VIH
VIL
VIL
01H*2
Table 4 .2 Expanded Autoselect Code Table
Type
Code DQ15 DQ14 DQ13 DQ12 DQ11 DQ10 DQ9 DQ8 DQ7 DQ6 DQ5 DQ4 DQ3 DQ2 DQ1 DQ0
Manufacture’s Code
04H A-1/0
0000000
0
0
0
00100
Device
Code
MBM29F800TA
(B)
D6H A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z 11010110
(W) 22D6H
0
0100010
1
1
0
10110
MBM29F800BA
(B)
58H A-1 HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z HI-Z 01011000
(W) 2258H
0
0100010
0
1
0
11000
Sector Protection
01H A-1/0
0000000
0
0
0
00001


Similar Part No. - MBM29F800BA-55

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F800BA-55 SPANSION-MBM29F800BA-55 Datasheet
596Kb / 49P
   FLASH MEMORY
MBM29F800BA-55PF SPANSION-MBM29F800BA-55PF Datasheet
596Kb / 49P
   FLASH MEMORY
MBM29F800BA-55PFTN SPANSION-MBM29F800BA-55PFTN Datasheet
596Kb / 49P
   FLASH MEMORY
MBM29F800BA-55PFTR SPANSION-MBM29F800BA-55PFTR Datasheet
596Kb / 49P
   FLASH MEMORY
More results

Similar Description - MBM29F800BA-55

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
   8M (1M X 8/512K X 16) BIT
logo
SPANSION
MBM29DL800TA SPANSION-MBM29DL800TA Datasheet
601Kb / 57P
   FLASH MEMORY CMOS 8M (1M x 8 / 512K x 16) BIT
logo
List of Unclassifed Man...
CSR2930800BA ETC-CSR2930800BA Datasheet
475Kb / 50P
   FLASH MEMORY CMOS 8M (1M x 8/512K x 16) BIT
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
   8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
logo
Macronix International
MX29F8100 MCNIX-MX29F8100 Datasheet
225Kb / 37P
   8M-BIT [1M x 8/512K x 16] CMOS SINGLE VOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
   8M (1M x 8/512 K x 16) BIT
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
   8M (1M x 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com