Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F033C-12PTR Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MBM29F033C-12PTR
Description  32M (4M X 8) BIT
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F033C-12PTR Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MBM29F033C-12PTR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F033C-12PTR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
MBM29F033C-70/-90/-12
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
• Sixty four 64K byte sectors
• 16 sector groups each of which consists of 4 adjacent sectors in the following pattern; sectors 0-3, 4-7, 8-11,
12-15, 16-19, 20-23, 24-27, 28-31, 32-35, 36-39, 40-43, 44-47, 48-51, 52-55, 56-59, and 60-63.
• Individual-sector or multiple-sector erase capability
• Sector group protection is user-definable
1FFFFFH
1EFFFFH
1DFFFFH
1CFFFFH
1BFFFFH
1AFFFFH
19FFFFH
18FFFFH
17FFFFH
16FFFFH
15FFFFH
14FFFFH
13FFFFH
12FFFFH
11FFFFH
10FFFFH
0FFFFFH
0EFFFFH
0DFFFFH
0CFFFFH
0BFFFFH
0AFFFFH
09FFFFH
08FFFFH
07FFFFH
06FFFFH
05FFFFH
04FFFFH
03FFFFH
02FFFFH
01FFFFH
00FFFFH
000000H
SA31
SA30
SA29
SA28
SA3
SA2
SA1
SA0
Sector
Group 7
Sector
Group 0
64K byte
64K byte
64K byte
64K byte
32 Sectors Total
64K byte
64K byte
64K byte
64K byte
3FFFFFH
3EFFFFH
3DFFFFH
3CFFFFH
3BFFFFH
3AFFFFH
39FFFFH
38FFFFH
37FFFFH
36FFFFH
35FFFFH
34FFFFH
33FFFFH
32FFFFH
31FFFFH
30FFFFH
2FFFFFH
2EFFFFH
2DFFFFH
2CFFFFH
2BFFFFH
2AFFFFH
29FFFFH
28FFFFH
27FFFFH
26FFFFH
25FFFFH
24FFFFH
23FFFFH
22FFFFH
21FFFFH
20FFFFH
200000H
SA63
SA62
SA61
SA60
SA35
SA34
SA33
SA32
Sector
Group 15
Sector
Group 8
64K byte
64K byte
64K byte
64K byte
32 Sectors Total
64K byte
64K byte
64K byte
64K byte


Similar Part No. - MBM29F033C-12PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F033C-12PTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM30LV0032 FUJITSU-MBM30LV0032 Datasheet
403Kb / 42P
   32M (4M X 8) BIT NAND-type
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
   32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
Sharp Corporation
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
   CMOS 32M (4M x 8/2M x 16) MROM
logo
Fujitsu Component Limit...
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
logo
Macronix International
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com