Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F200BC-90 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29F200BC-90
Description  2M (256K X 8/128K X 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F200BC-90 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29F200BC-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F200BC-90 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
9
MBM29F200TC-55/-70/-90/MBM29F200BC-55/-70/-90
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer
to Table 7.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
Table 2
MBM29F200TC/BC User Bus Operation (BYTE = VIH)
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0 to
DQ15
RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
Code
H
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
H
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
H
Standby
H
XXXXXX
HIGH-Z
H
Output Disable
L
H
H
X
X
X
X
HIGH-Z
H
Write
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Protection (2)
L
VID
LHL
VID
XH
Verify Sector Protection (2)
L
L
H
L
H
L
VID
Code
H
Temporary Sector Unprotection
XXXXXXX
X
VID
Reset (Hardware)/Standby
XXXXXXX
HIGH-Z
L
Table 3
MBM29F200TC/BC User Bus Operation (BYTE = VIL)
Operation
CE
OE
WE
DQ15
/A-1
A0
A1
A6
A9
DQ0 to DQ7 RESET
Auto-Select Manufacturer Code (1)
L
L
H
LLLL
VID
Code
H
Auto-Select Device Code (1)
L
L
H
L
H
L
L
VID
Code
H
Read (3)
L
L
H
A-1
A0
A1
A6
A9
DOUT
H
Standby
H
XXXXXXX
HIGH-Z
H
Output Disable
L
H
H
XXXXX
HIGH-Z
H
Write
L
H
L
A-1
A0
A1
A6
A9
DIN
H
Enable Sector Protection (2)
L
VID
LL
H
L
VID
XH
Verify Sector Protection (2)
L
L
H
L
L
H
L
VID
Code
H
Temporary Sector Unprotection
XXXXXXXX
X
VID
Reset (Hardware)/Standby
XXXXXXXX
HIGH-Z
L


Similar Part No. - MBM29F200BC-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F200BC-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
Sharp Corporation
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com