Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F040C-90PFTR Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29F040C-90PFTR
Description  4M (512K X 8) BIT
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F040C-90PFTR Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29F040C-90PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 12Page - Fujitsu Component Limited. MBM29F040C-90PFTR Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
MBM29F040C-55/-70/-90
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29F040C has two control functions which must be satisfied in order to obtain data at the outputs. CE
is the power control and should be used for a device selection. OE is the output control and should be used to
gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins (assuming the
addresses have been stable for at least tACC-tOE time).
Standby Mode
The MBM29F040C has two standby modes, a CMOS standby mode (CE input held at VCC ±0.3 V.), when the
current consumed is less than 5 µA; and a TTL standby mode (CE is held at VIH) when the current required is
reduced to approximately 1 mA. During Embedded Algorithm operation, VCC Active current (ICC2) is required even
CE = VIH. The device can be read with standard access time (tCE) from either of these standby modes. In the
standby mode the outputs are in a high impedance state, independent of the OE input.
If the device is deselected during erasure or programming, the device will draw active current until the operation
is completed.
Output Disable
With the OE input at a logic high level (VIH), output from the device is disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the device and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the device to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the device.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the device outputs by toggling address A0 from VIL to VIH. All
addresses are DON’T CARES except A0, A1, and A6. (Recommend VIL for the other pins.)
The manufacturer and device codes may also be read via the command register, for instances when the
MBM29F040C is erased or programmed in a system without access to high voltage on the A9 pin. The command
sequence is illustrated in Table 5. (Refer to Autoselect Command section.)
Byte 0 (A0 = VIL) represents the manufacture’s code (Fujitsu = 04H) and byte 1 (A0 = VIH) represents the device
identifier code (MBM29F040C = A4H). These two bytes are given in the Table 3. All identifiers for manufactures
and device will exhibit odd parity with the MSB (DQ7) defined as the parity bit. In order to read the proper device
codes when executing the autoselect, A1 must be VIL. (See Table 3.)


Similar Part No. - MBM29F040C-90PFTR

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F040C-90PFTR SPANSION-MBM29F040C-90PFTR Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
More results

Similar Description - MBM29F040C-90PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Fujitsu Component Limit...
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com