Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SGR7 Datasheet(PDF) 9 Page - Texas Instruments

Part # COP8SGR7
Description  COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SGR7 Datasheet(HTML) 9 Page - Texas Instruments

Back Button COP8SGR7 Datasheet HTML 5Page - Texas Instruments COP8SGR7 Datasheet HTML 6Page - Texas Instruments COP8SGR7 Datasheet HTML 7Page - Texas Instruments COP8SGR7 Datasheet HTML 8Page - Texas Instruments COP8SGR7 Datasheet HTML 9Page - Texas Instruments COP8SGR7 Datasheet HTML 10Page - Texas Instruments COP8SGR7 Datasheet HTML 11Page - Texas Instruments COP8SGR7 Datasheet HTML 12Page - Texas Instruments COP8SGR7 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
COP8SGE5, COP8SGE7, COP8SGH5
COP8SGK5, COP8SGR5, COP8SGR7
www.ti.com
SNOS516E – JANUARY 2000 – REVISED APRIL 2013
AC Electrical Characteristics
−40°C ≤ TA ≤ +85°C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tC)
(1)
Crystal/Resonator, External
4.5V
≤ VCC ≤ 5.5V
0.67
μs
2.7V
≤ VCC ≤ 4.5V
2
μs
R/C Oscillator (Internal)
4.5V
≤ VCC ≤ 5.5V
2
μs
Frequency Variation(2)
4.5V
≤ VCC ≤ 5.5V
±35
%
External CKI Clock Duty Cycle(2)
fr = Max
45
55
%
Rise Time(2)
fr = 10 MHz Ext Clock
8
ns
Fall Time(2)
fr = 10 MHz Ext Clock
5
ns
MICROWIRE Setup Time (tUWS)
(3)
20
ns
MICROWIRE Hold Time (tUWH)
(3)
56
ns
MICROWIRE Output Propagation Delay
ns
(tUPD)
(3)
220
Input Pulse Width(2)
Interrupt Input High Time
1
tC
Interrupt Input Low Time
1
tC
Timer 1, 2, 3, Input High Time
1
tC
Timer 1 2, 3, Input Low Time
1
tC
Reset Pulse Width
1
μs
(1)
tC = Instruction cycle time.
(2)
Parameter characterized but not tested.
(3)
MICROWIRE Setup and Hold Times and Propagation Delays are referenced to the appropriate edge of the MICROWIRE clock. See
Figure 8 and the MICROWIRE operation description.
Comparators AC and DC Characteristics
VCC = 5V, −40°C ≤ TA ≤ +85°C.
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage(1)
0.4V
≤ VIN ≤ VCC − 1.5V
±5
±15
mV
Input Common Mode Voltage Range
0.4
VCC − 1.5
V
Voltage Gain
100
dB
Low Level Output Current
VOL = 0.4V
−1.6
mA
High Level Output Current
VOH = VCC − 0.4V
1.6
mA
DC Supply Current per Comparator (When Enabled)
150
μA
Response Time(2)
200 mV step input
100 mV Overdrive,
600
ns
100 pF Load
Comparator Enable Time(3)
600
ns
(1)
The comparator inputs are high impedance port inputs and, as such, input current is limited to port input leakage current.
(2)
Response time is measured from a step input to a valid logic level at the comparator output. software response time is dependent of
instruction execution.
(3)
Comparator enable time is that delay time required between the end of the instruction cycle that enables the comparator and using the
output of the comparator, either by hardware or by software.
Figure 8. MICROWIRE/PLUS Timing
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: COP8SGE5 COP8SGE7 COP8SGH5 COP8SGK5 COP8SGR5 COP8SGR7


Similar Part No. - COP8SGR7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGR7 NSC-COP8SGR7 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR7 NSC-COP8SGR7 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR7 NSC-COP8SGR7 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR7-Q3 NSC-COP8SGR7-Q3 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR7-Q3 NSC-COP8SGR7-Q3 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results

Similar Description - COP8SGR7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_15 Datasheet
1Mb / 79P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory
logo
National Semiconductor ...
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com