Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F200BC-55PFTR Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MBM29F200BC-55PFTR
Description  2M (256K X 8/128K X 16) BIT
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F200BC-55PFTR Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MBM29F200BC-55PFTR Datasheet HTML 1Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 2Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 3Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F200BC-55PFTR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
MBM29F200TC-55/-70/-90/MBM29F200BC-55/-70/-90
s FLEXIBLE SECTOR-ERASE ARCHITECTURE
• One 16K byte, two 8K bytes, one 32K byte, and three 64K bytes
• Individual-sector, multiple-sector, or bulk-erase capability
• Individual or multiple-sector protection is user definable.
3FFFFH
3BFFFH
39FFFH
37FFFH
2FFFFH
1FFFFH
0FFFFH
00000H
16K byte
8K byte
8K byte
32K byte
64K byte
64K byte
64K byte
MBM29F200TC Sector Architecture
3FFFFH
2FFFFH
1FFFFH
0FFFFH
07FFFH
05FFFH
03FFFH
00000H
64K byte
64K byte
64K byte
32K byte
8K byte
8K byte
16K byte
MBM29F200BC Sector Architecture
(
×8)
1FFFFH
1DFFFH
1CFFFH
1BFFFH
17FFFH
0FFFFH
07FFFH
00000H
(
×16)
1FFFFH
17FFFH
0FFFFH
07FFFH
03FFFH
02FFFH
01FFFH
00000H
(
×16)
(
×8)


Similar Part No. - MBM29F200BC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
   2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
More results

Similar Description - MBM29F200BC-55PFTR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
   2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
   2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
Sharp Corporation
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
   CMOS 2M (256K x 8/128K x 16) MROM
logo
Fujitsu Component Limit...
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
   2M (256K x 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
   2M (256K X 8) BIT
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
   2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com