Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV320TE80 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29LV320TE80
Description  32 M (4 M X 8/2 M X 16) BIT
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV320TE80 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29LV320TE80 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV320TE80 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
MBM29LV320TE/BE80/90/10
3
s FEATURES
• 0.23
µµµµm Process Technology
• Single 3.0 V read, program, and erase
Minimized system level power requirements
• Compatible with JEDEC-standard commands
Use the same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP (I) (Package suffix : TN
− Normal Bend Type, TR − Reversed Bend Type)
63-ball FBGA (Package suffix : PBT)
• Minimum 100,000 program/erase cycles
• High performance
80 ns maximum access time
• Sector erase architecture
Eight 4 K word and sixty-three 32 K word sectors in word mode
Eight 8 K byte and sixty-three 64 K byte sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
T
= Top sector
B
= Bottom sector
• Hidden ROM (Hi-ROM) region
256 byte of Hi-ROM, accessible through a new “Hi-ROM Enable” command sequence
Factory serialized and protected to provide a secure electronic serial number (ESN)
• WP/ACC input pin
At VIL, allows protection of boot sectors, regardless of sector protection/unprotection status
At VIH, allows removal of boot sector protection
At VACC, increases program performance
• Embedded EraseTM* Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM* Algorithms
Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode.
• Low VCC write inhibit
≤≤≤≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector group protection
Hardware method disables any combination of sector groups from program or erase operations
• Sector Group Protection Set function by Extended sector group protection command
• Fast Programming Function by Extended Command
• Temporary sector group unprotection
Temporary sector group unprotection via the RESET pin.
• In accordance with CFI (Common Flash Memory Interface)
*: Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29LV320TE80

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV320TE80PBT SPANSION-MBM29LV320TE80PBT Datasheet
454Kb / 68P
   FLASH MEMORY
MBM29LV320TE80TN SPANSION-MBM29LV320TE80TN Datasheet
454Kb / 68P
   FLASH MEMORY
MBM29LV320TE80TR SPANSION-MBM29LV320TE80TR Datasheet
454Kb / 68P
   FLASH MEMORY
More results

Similar Description - MBM29LV320TE80

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL3200TE FUJITSU-MBM29PL3200TE Datasheet
670Kb / 59P
   32 M (2 M X 16/1 M X 32) BIT
logo
SPANSION
MBM29DL32XTE80 SPANSION-MBM29DL32XTE80 Datasheet
1Mb / 84P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL32TF-70 SPANSION-MBM29DL32TF-70 Datasheet
811Kb / 70P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
MBM29DL34TF70 SPANSION-MBM29DL34TF70 Datasheet
777Kb / 68P
   FLASH MEMORY CMOS 32 M (4 M X 8/2 M X 16) BIT Dual Operation
logo
Fujitsu Component Limit...
MBM29DL640E80 FUJITSU-MBM29DL640E80 Datasheet
913Kb / 71P
   64 M (8 M X 8/4 M X 16) BIT Dual Operation
MBM29DL64DF-70 FUJITSU-MBM29DL64DF-70 Datasheet
854Kb / 68P
   FLASH MEMORY CMOS 64 M (8 M X 8/4 M X 16) BIT
logo
SPANSION
MBM29DS163TE10 SPANSION-MBM29DS163TE10 Datasheet
721Kb / 67P
   FLASH MEMORY CMOS 16 M (2 M X 8/1 M X 16) BIT Dual Operation
logo
Advanced Micro Devices
AM29DL322C AMD-AM29DL322C Datasheet
691Kb / 52P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com