Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8AME9 Datasheet(PDF) 1 Page - Texas Instruments

Part # COP8AME9
Description  COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8AME9 Datasheet(HTML) 1 Page - Texas Instruments

  COP8AME9_14 Datasheet HTML 1Page - Texas Instruments COP8AME9_14 Datasheet HTML 2Page - Texas Instruments COP8AME9_14 Datasheet HTML 3Page - Texas Instruments COP8AME9_14 Datasheet HTML 4Page - Texas Instruments COP8AME9_14 Datasheet HTML 5Page - Texas Instruments COP8AME9_14 Datasheet HTML 6Page - Texas Instruments COP8AME9_14 Datasheet HTML 7Page - Texas Instruments COP8AME9_14 Datasheet HTML 8Page - Texas Instruments COP8AME9_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
COP8AME9, COP8ANE9
www.ti.com
SNOS930F – MARCH 2001 – REVISED MARCH 2013
COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual
EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
Check for Samples: COP8AME9, COP8ANE9
1
FEATURES
7 Input Analog MUX with Selectable Output
Destination
23
KEY FEATURES
OTHER FEATURES
8 kbytes Flash Program Memory with High
Quiet Design (Low Radiated Emissions)
Security
Multi-Input Wake-up with optional interrupts
512 bytes SRAM
MICROWIRE/PLUS (Serial Peripheral Interface
10-bit Successive Approximation Analog to
Compatible)
Digital Converter (up to 6 external channels)
Clock Doubler for 20 MHz Operation from 10
Op Amp Specification:
MHz Oscillator
One Programmable Gain (1, 2, 5, 10, 20, 49,
Thirteen Multi-Source Vectored Interrupts
98) with Adjustable Offset Voltage Nulling
Servicing:
One General Purpose with all I/O Terminals
External Interrupt
Accessible
USART (2)
1 MHz GBW
Idle Timer T0
Low Offset Voltage
Three Timers (each with 2 interrupts)
High Input Impedance
MICROWIRE/PLUS Serial Peripheral
Rail-to-rail input/output
Interface
Temperature Sensing Diode
Multi-Input Wake-Up
True In-System Programmability of Flash
Software Trap
Memory with 100k Erase/Write Cycles
Idle Timer with Programmable Interrupt
Dual Clock Operation providing Enhanced
Interval
Power Save Modes – HALT/IDLE
8-bit Stack Pointer SP (Stack in RAM)
100% Precise Analog Emulation
Two 8-bit Register Indirect Data Memory
Single Supply Operation: 4.5V–5.5V
Pointers
Three 16-bit Timers:
True Bit Manipulation
Timers T2 and T3 Can Operate at 50 ns
WATCHDOG and Clock Monitor logic
Resolution
Software Selectable I/O Options
Processor Independent PWM Mode
TRI-STATE Output/High Impedance Input
External Event Counter Mode
Push-Pull Output
Input Capture Mode
Weak Pull-Up Input
Brownout Reset
Schmitt Trigger Inputs on I/O Ports
20 High Sink-Current I/Os
Temperature Range: –40°C to +85°C
USART
Packaging: 28 DIP, and 28 SOIC
Virtual EEPROM Using Flash Program Memory
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
COP8 is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - COP8AME9_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8AME9EMW8 NSC-COP8AME9EMW8 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8AME9ENA8 NSC-COP8AME9ENA8 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
More results

Similar Description - COP8AME9_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8AME9 NSC-COP8AME9 Datasheet
931Kb / 83P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
[Old version datasheet]   COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
logo
National Semiconductor ...
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
   8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
logo
Texas Instruments
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
[Old version datasheet]   8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
logo
National Semiconductor ...
COP8SBR9 NSC-COP8SBR9 Datasheet
972Kb / 80P
   8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
[Old version datasheet]   COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
logo
Microchip Technology
PIC12CE67X MICROCHIP-PIC12CE67X Datasheet
671Kb / 116P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com