Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F080AC-70PF Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MBM29F080AC-70PF
Description  8M (1M X 8) BIT
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29F080AC-70PF Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MBM29F080AC-70PF Datasheet HTML 4Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 5Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 6Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 7Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 8Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 9Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 10Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 11Page - Fujitsu Component Limited. MBM29F080AC-70PF Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
MBM29F080A-55/-70/-90
s LOGIC SYMBOL
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse Input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. Refer to
Table 6.
2. Refer to the section on Sector Group Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
Table 1
MBM29F080A Pin Configuration
Pin
Function
A0 to A19
Address Inputs
DQ0 to DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RY/BY
Ready/Busy Output
RESET
Hardware Reset Pin/Sector Protection
Unlock
N.C.
No Internal Connection
VSS
Device Ground
VCC
Device Power Supply
(5.0 V ±10%)
Table 2
MBM29F080A User Bus Operations
Operation
CE
OE
WE
A0
A1
A6
A9
DQ0 to DQ7
RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
Code
H
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
Code
H
Read (3)
L
L
H
A0
A1
A6
A9
DOUT
H
Standby
H
XXXXXX
HIGH-Z
H
Output Disable
L
H
H
XXXX
HIGH-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
H
Enable Sector Group Protection (2)
L
VID
XXX
VID
XH
Verify Sector Group Protection (2)
L
L
H
L
H
L
VID
Code
H
Temporary Sector Group Unprotection
X
X
X
X
X
X
X
X
VID
Reset (Hardware)
X
X
X
X
X
X
X
HIGH-Z
L
20
A 0 to A 19
WE
OE
CE
DQ0 to DQ7
8
RESET
RY/BY


Similar Part No. - MBM29F080AC-70PF

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55 SPANSION-MBM29F080A-55 Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PF SPANSION-MBM29F080A-55PF Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PFTN SPANSION-MBM29F080A-55PFTN Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
MBM29F080A-55PFTR SPANSION-MBM29F080A-55PFTR Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
More results

Similar Description - MBM29F080AC-70PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
   8M (1M x 8) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
   8M (1M X 8/512K X 16) BIT
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
   8M (1M x 8/512 K x 16) BIT
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sharp Corporation
LH538700A SHARP-LH538700A Datasheet
58Kb / 6P
   CMOS 8M (1M x 8) MROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com