Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV400TC-90 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29LV400TC-90
Description  4M (512K X 8/256K X 16) BIT
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV400TC-90 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29LV400TC-90 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV400TC-90 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
DS05-20862-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
4M (512K
× 8/256K × 16) BIT
MBM29LV400TC-70/-90/-12/MBM29LV400BC-70/-90/-12
s FEATURES
• Single 3.0 V read, program, and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP(I) (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
44-pin SOP (Package suffix: PF)
48-pin CSOP (Package suffix: PCV)
48-ball FBGA (Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance
70 ns maximum access time
• Sector erase architecture
One 8K word, two 4K words, one 16K word, and seven 32K words sectors in word mode
One 16K byte, two 8K bytes, one 32K byte, and seven 64K bytes sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM Algorithms
Automatically preprograms and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically writes and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switch themselves to low power mode
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read in another sector within the same device
(Continued)
Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29LV400TC-90

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV400TC-90PBT SPANSION-MBM29LV400TC-90PBT Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-90PCV SPANSION-MBM29LV400TC-90PCV Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-90PF SPANSION-MBM29LV400TC-90PF Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-90PFTN SPANSION-MBM29LV400TC-90PFTN Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29LV400TC-90PFTR SPANSION-MBM29LV400TC-90PFTR Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
More results

Similar Description - MBM29LV400TC-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
logo
Macronix International
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
MX27C4100 MCNIX-MX27C4100 Datasheet
785Kb / 18P
   4M-BIT [512K x 8/256K x 16] CMOS EPROM
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
   FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
MBM29F400TC SPANSION-MBM29F400TC Datasheet
566Kb / 48P
   FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Macronix International
MX29LV400T MCNIX-MX29LV400T Datasheet
1Mb / 59P
   4M-BIT [512K x 8 / 256K x 16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com