Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV008BA-12PTN Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MBM29LV008BA-12PTN
Description  8M (1M X 8) BIT
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV008BA-12PTN Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MBM29LV008BA-12PTN Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 12Page - Fujitsu Component Limited. MBM29LV008BA-12PTN Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
9
MBM29LV008TA-70/-90/-12/MBM29LV008BA-70/-90/-12
s FUNCTIONAL DESCRIPTION
Read Mode
The MBM29LV008TA/BA have two control functions which must be satisfied in order to obtain data at the outputs.
CE is the power control and should be used for a device selection. OE is the output control and should be used
to gate data to the output pins if a device is selected.
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from stable addresses and stable CE to valid data at the output pins. The output
enable access time is the delay from the falling edge of OE to valid data at the output pins. (Assuming the
addresses have been stable for at least tACC-tOE time.) When reading out a data without changing addresses after
power-up, it is necessary to input hardware reset or change CE pin from “H” or “L”
Standby Mode
There are two ways to implement the standby mode on the MBM29LV008TA/BA devices, one using both the CE
and RESET pins; the other via the RESET pin only.
When using both pins, a CMOS standby mode is achieved with CE and RESET inputs both held at VCC ± 0.3 V.
Under this condition the current consumed is less than 5
µA. The device can be read with standard access time
(tCE) from either of these standby modes. During Embedded Algorithm operation, VCC active current (ICC2) is
required even CE = “H”.
When using the RESET pin only, a CMOS standby mode is achieved with RESET input held at VSS ± 0.3 V (CE
= “H” or “L”). Under this condition the current is consumed is less than 5
µA. Once the RESET pin is taken high,
the device requires tRH of wake up time before outputs are valid for read access.
In the standby mode the outputs are in the high impedance state, independent of the OE input.
Automatic Sleep Mode
There is a function called automatic sleep mode to restrain power consumption during read-out of
MBM29LV008TA/BA data. This mode can be used effectively with an application requested low power
consumption such as handy terminals.
To activate this mode, MBM29LV008TA/BA automatically switch themselves to low power mode when
MBM29LV008TA/BA addresses remain stably during access fine of 150 ns. It is not necessary to control CE,
WE, and OE on the mode. Under the mode, the current consumed is typically 1
µA (CMOS Level).
Since the data are latched during this mode, the data are read-out continuously. If the addresses are changed,
the mode is canceled automatically and MBM29LV008TA/BA read-out the data for changed addresses.
Output Disable
With the OE input at a logic high level (VIH), output from the devices are disabled. This will cause the output pins
to be in a high impedance state.
Autoselect
The autoselect mode allows the reading out of a binary code from the devices and will identify its manufacturer
and type. This mode is intended for use by programming equipment for the purpose of automatically matching
the devices to be programmed with its corresponding programming algorithm. This mode is functional over the
entire temperature range of the devices.
To activate this mode, the programming equipment must force VID (11.5 V to 12.5 V) on address pin A9. Two
identifier bytes may then be sequenced from the devices outputs by toggling address A0 from VIL to VIH. All
addresses are DON’T CARES except A0, A1, A6, and A10. (See Table 3.1.)


Similar Part No. - MBM29LV008BA-12PTN

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29LV008BA-70 SPANSION-MBM29LV008BA-70 Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29LV008BA-70PTN SPANSION-MBM29LV008BA-70PTN Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29LV008BA-70PTR SPANSION-MBM29LV008BA-70PTR Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29LV008BA-90 SPANSION-MBM29LV008BA-90 Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
MBM29LV008BA-90PTN SPANSION-MBM29LV008BA-90PTN Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
More results

Similar Description - MBM29LV008BA-12PTN

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV080A FUJITSU-MBM29LV080A Datasheet
400Kb / 49P
   8M (1M x 8) BIT
MBM29F800TA FUJITSU-MBM29F800TA Datasheet
537Kb / 48P
   8M (1M X 8/512K X 16) BIT
MBM29DL800TA FUJITSU-MBM29DL800TA Datasheet
600Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TA FUJITSU-MBM29LV800TA Datasheet
608Kb / 59P
   8M (1M X 8/512K X 16) BIT
MBM29LV800TE FUJITSU-MBM29LV800TE Datasheet
292Kb / 58P
   8M (1M x 8/512 K x 16) BIT
logo
SPANSION
MBM29LV008TA SPANSION-MBM29LV008TA Datasheet
449Kb / 51P
   FLASH MEMORY CMOS 8M (1M X 8) BIT
logo
Macronix International
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
logo
SPANSION
MBM29F080A SPANSION-MBM29F080A Datasheet
597Kb / 44P
   FLASH MEMORY CMOS 8M (1M x 8) BIT
logo
Sharp Corporation
LH538700A SHARP-LH538700A Datasheet
58Kb / 6P
   CMOS 8M (1M x 8) MROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com