Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PDS322BE10 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MBM29PDS322BE10
Description  32M (2M x 16) BIT Page Dual Operation
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29PDS322BE10 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MBM29PDS322BE10 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29PDS322BE10 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MBM29PDS322TE/BE 10/11
2
(Continued)
The device provides truly high performance non-volatile Flash memory solution. The device offers fast page
access times of 45 ns with random access times of 100 ns and 115 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE), write
enable (WE), and output enable (OE) controls. The page size is 4 words.
The device is pin and command set compatible with JEDEC standard E2PROMs. Commands are written to the
command register using standard microprocessor write timings. Register contents serve as input to an internal
state-machine which controls the erase and programming circuitry. Write cycles also internally latch addresses
and data needed for the programming and erase operations. Reading data out of the device is similar to reading
from 5.0 V and 12.0 V Flash or EPROM devices.
The device is programmed by executing the program command sequence. This will invoke the Embedded
Program Algorithm which is an internal algorithm that automatically times the program pulse widths and verifies
proper cell margin. Typically, each sector can be programmed and verified in about 0.5 seconds. Erase is
accomplished by executing the erase command sequence. This will invoke the Embedded Erase Algorithm which
is an internal algorithm that automatically preprograms the array if it is not already programmed before executing
the erase operation. During erase, the device automatically time the erase pulse widths and verify proper cell
margin.
A sector is typically erased and verified in 1.0 second. (If already completely preprogrammed.)
The device also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The device is erased when shipped from the factory.
The device features single 1.8 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7,
by the Toggle Bit feature on DQ6, or the RY/BY output pin. Once the end of a program or erase cycle has been
completed, the device internally resets to the read mode.
The device also has a hardware RESET pin. When this pin is driven low, execution of any Embedded Program
Algorithm or Embedded Erase Algorithm is terminated. The internal state machine is then reset to the read
mode. The RESET pin may be tied to the system reset circuitry. Therefore, if a system reset occurs during the
Embedded Program Algorithm or Embedded Erase Algorithm, the device is automatically reset to the read mode
and will have erroneous data stored in the address locations being programmed or erased. These locations
need re-writing after the Reset. Resetting the device enables the system’s microprocessor to read the boot-up
firmware from the Flash memory.
Fujitsu’s Flash technology combines years of EPROM and E2PROM experience to produce the highest levels
of quality, reliability, and cost effectiveness. The device memory electrically erase the entire chip or all bits within
a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed one byte/word at a
time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29PDS322BE10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL12LM FUJITSU-MBM29PL12LM Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PBT FUJITSU-MBM29PL12LM10PBT Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PCN FUJITSU-MBM29PL12LM10PCN Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL160BD FUJITSU-MBM29PL160BD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29PL160BD-75 FUJITSU-MBM29PL160BD-75 Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
More results

Similar Description - MBM29PDS322BE10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
   32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
   32M (4M x 8/2M x 16) BIT Dual Operation
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX26L3220 MCNIX-MX26L3220 Datasheet
1Mb / 38P
   32M-BIT [2M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
logo
SPANSION
MBM29BS32LF18 SPANSION-MBM29BS32LF18 Datasheet
314Kb / 60P
   BURST MODE FLASH MEMORY CMOS 32M (2M X 16) BIT
MBM29DL16XTD-70 SPANSION-MBM29DL16XTD-70 Datasheet
1Mb / 74P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
MBM29DL16XTE70 SPANSION-MBM29DL16XTE70 Datasheet
1Mb / 76P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT Dual Operation
logo
Macronix International
MX29LV320E MCNIX-MX29LV320E Datasheet
1Mb / 68P
   32M-BIT [4M x 8 / 2M x 16] 3V SUPPLY FLASH MEMORY
logo
NEC
UPD4632312A-X NEC-UPD4632312A-X Datasheet
320Kb / 36P
   32M-BIT CMOS MOBILE SPECIFIED RAM 2M-WORD BY 16-BIT EXTENDED TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com