Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

324089 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 324089
Description  CCCS M12, 4pin / M12, 4pin
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

324089 Datasheet(HTML) 1 Page - ERNI Electronics

  324089 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Litze braun (+)
flexible conductor brown (+)
Litze weiss (ö)
flexible conductor white(N/C)
Litze schwarz (s)
flexible conductor black(N/O)
Litze blau (-)
flexible conductor blue (-)
Schirm
shield
CCCS
shielded, A-coding
CCCS M12, 4pin / M12, 4pin
324089
1:1
Information:
Tolerances
Scale
All Dimensions
in mm
Designation
Subject to modification without
prior notice.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
contact one of the ERNI companies
before using.
www.ERNI.com
I (1/1)
Class
A3
Index
b
15.07.2010
Date
STROMLAUFPLAN /
Schematic diagram
1
2
4
3
1
2
4
3
TECHNISCHE SKIZZE /
Technical sketch
BAUTEILE / FERTIGUNGSHINWEISE
Piece parts / Manufacturing notices
- Kabelaufdruck mittels Tintenstrahldrucker entspr. Techn. Skizze
Cable imprint with ink-jet printer see technical sketch
- Gute Chemikalien- und Ölbeständigkeit (Ölbeständigkeit gilt nicht für den
Einsatz mit PVC-Kabel). Beim Einsatz aggressiver Medien ist die
Materialbeständigkeit applikationsbezogen zu überprüfen.
Good chemical and oil resistance (parts with PVC-cable are not restistant).
When using agressive media, material resistance based on application
must be checked.
ERNI XXXXXX PUR 4x0.34 422006
[in]
Ansicht: Steckgesicht; Kontaktbelegung /
View: mating face; pin assignment
5
1
4
2
3
5
1
2
4
3
Artikel-Nr.
Part No.
Leitungslänge (A)
Cable length (A)
Kupfer-
gewicht
Copper
weight
Kabelmantel
Jacket
material
Außendurchmesser
Jacket diameter
Aderisolation
Wire isolation
Zul. Temp.-Bereich
für Kabel
Permissable temp.
for cable
300 +50
mm [11,81 +1,2 in]
18 g
PUR
shielded
5,9 mm 5%
[0.232 in 5%]
PVC
-5... +70 °C
( flexing )
-25... +80 °C
( static )
600 +60
mm [23,62 +2,4 in]
31 g
1.000 +100 mm [39,37 +4 in]
50 g
1.500 +100 mm [59,05 +4 in]
73 g
2.000 +100 mm [78,74 +4 in]
95 g
3.000 ± 1,5% [118,11 ]
110 g
5.000 ± 1,5% [196,85 ]
180 g
225101
10.000 ± 1,5% [393,70 ]
358 g
Kennzeichnungsträger
label holder
ERNI Art.-Nr.
Part No.
Production date
e.g.: KW42 2006
Kabelaufdruck (Bsp.)
Cable imprint (e.g.)
See table A
44,5 1,75
47 1,87
SPECIFICATIONS Circular Connector
T e chni cal Spe cificatio ns
Stand ard ap p lic.
Value
Electrical Data
Stand ard ap p lic.
Value
Housing:
Rated (nominal) voltage; max.
IEC 61-076-2-101
60 V DC
Rated current; per contact, max. IEC 61-076-2-101
4 A
Pin assignment:
4 pin
Rated impulse voltage
IEC 61-076-2-101
1,5 kV
Coding:
A-coding
Connection:
App ro vals
Protection class
LED:
-
(mated and locked) IEC 60529
IP67
Packaging:
1 piece per bag
Pollution degree
3
Insulation category
IEC 60664-1
I
Mate ri als & Fi ni sh
RoHS compliant
Yes
Contact material:
a) male
Standard description CuZn39Pb3F50
P art Mark ing (cab le imp rint)
b) female
Standard description CuNiZSiHV1604
Part number
required
Contact finish, mating zone:
Company Logo
required
a) male
Thickness of plating 0,5 µm Au over 2 µm Ni
Date of manufacturing
required
b) female
Thickness of plating 0,8 µm Au (partial)
Jacket material
required
Screw material:
Standard description Zinc pressure die casting
Flex. conductor diameter
required
Screw plating:
Standard description Ni 4-6 µm
Cab le (ad d i ti onal i nfo see tab le)
Jacket color
grey
Conductor cross-section
4 x 0,34 mm
2
Bending radius min.
10 x jacket diameter
Screw locking
M12x1mm (0,6 Nm)
M12 male, straight, black
M12 female, straight black


Similar Part No. - 324089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3240890 PHOENIX-3240890 Datasheet
68Kb / 4P
   Screw connection - WP-G HF IP66 PG11 BK
09/12/2020
3240891 PHOENIX-3240891 Datasheet
71Kb / 4P
   Screw connection - WP-G HF IP66 PG16 BK
09/12/2020
3240892 PHOENIX-3240892 Datasheet
71Kb / 4P
   Screw connection - WP-G HF IP66 PG21 BK
09/12/2020
3240893 PHOENIX-3240893 Datasheet
71Kb / 4P
   Screw connection - WP-G HF IP66 PG29 BK
09/12/2020
3240898 PHOENIX-3240898 Datasheet
71Kb / 4P
   Screw connection - WP-G HF IP66 M20 BK
09/12/2020
More results

Similar Description - 324089

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224908 ERNI-224908 Datasheet
41Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224901 ERNI-224901 Datasheet
42Kb / 1P
   CCCS M12, 4pin / M12, 4pin
224907 ERNI-224907 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
354167 ERNI-354167 Datasheet
40Kb / 1P
   CCCS M12, 4pin / M12, 4pin
324088 ERNI-324088 Datasheet
36Kb / 1P
   CCCS M12, 4pin
224905 ERNI-224905 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
224906 ERNI-224906 Datasheet
37Kb / 1P
   CCCS M12, 4pin / pigtail
224902 ERNI-224902 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224903 ERNI-224903 Datasheet
36Kb / 1P
   CCCS M12, 4pin / pigtail
224904 ERNI-224904 Datasheet
35Kb / 1P
   CCCS M12, 4pin / pigtail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com