Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL160BD-90 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29PL160BD-90
Description  16M (2M x 8/1M x 16) BIT
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29PL160BD-90 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29PL160BD-90 Datasheet HTML 1Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 2Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 3Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 4Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 5Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 6Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 7Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 8Page - Fujitsu Component Limited. MBM29PL160BD-90 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
3
MBM29PL160TD-75/-90/MBM29PL160BD-75/-90
s GENERAL DESCRIPTION
The MBM29PL160TD/BD is a 16M-bit, 3.0 V-only Flash memory organized as 2M bytes of 8 bits each or 1M
words of 16 bits each. The MBM29PL160TD/BD is offered in a 48-pin TSOP (I), and 44-pin SOP packages. The
device is designed to be programmed in-system with the standard system 3.0 V VCC supply. 12.0 V VPP and 5.0
V VCC are not required for write or erase operations. The device can also be reprogrammed in standard EPROM
programmers.
The standard MBM29PL160TD/BD offers access times of 75 ns and 90 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE), write
enable (WE), and output enable (OE) controls.
The MBM29PL160TD/BD is pin and command set compatible with JEDEC standard E2PROMs. Commands are
written to the command register using standard microprocessor write timings. Register contents serve as input
to an internal state-machine which controls the erase and programming circuitry. Write cycles also internally
latch addresses and data needed for the programming and erase operations. Reading data out of the device is
similar to reading from 5.0 V and 12.0 V Flash or EPROM devices.
The MBM29PL160TD/BD is programmed by executing the program command sequence. This will invoke the
Embedded Program Algorithm which is an internal algorithm that automatically times the program pulse widths
and verifies proper cell margins. Typically, each sector can be programmed and verified in about 2.0 seconds.
Erase is accomplished by executing the erase command sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automatically preprograms the array if it is not already programmed
before executing the erase operation. During erase, the device automatically times the erase pulse widths and
verifies proper cell margins.
Any individual sector is typically erased and verified in 4.8 second. (If already preprogrammed.)
The device also features a sector erase architecture. The sector mode allows each sector to be erased and
reprogrammed without affecting other sectors. The MBM29PL160TD/BD is erased when shipped from the
factory.
The device features single 3.0 V power supply operation for both read and write functions. Internally generated
and regulated voltages are provided for the program and erase operations. A low VCC detector automatically
inhibits write operations on the loss of power. The end of program or erase is detected by Data Polling of DQ7
or by the Toggle Bit feature on DQ6 output pin. Once the end of a program or erase cycle has been comleted,
the device internally resets to the read mode.
Fujitsu’s Flash technology combines years of Flash memory manufacturing experience to produce the highest
levels of quality, reliability, and cost effectiveness. The MBM29PL160TD/BD memory electrically erases all bits
within a sector simultaneously via Fowler-Nordhiem tunneling. The bytes/words are programmed one byte/word
at a time using the EPROM programming mechanism of hot electron injection.


Similar Part No. - MBM29PL160BD-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL12LM FUJITSU-MBM29PL12LM Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PBT FUJITSU-MBM29PL12LM10PBT Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PCN FUJITSU-MBM29PL12LM10PCN Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
More results

Similar Description - MBM29PL160BD-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com