Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0S1BLD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PESD5V0S1BLD
Description  Low capacitance bidirectional ESD protection diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0S1BLD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PESD5V0S1BLD Datasheet HTML 4Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 5Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 6Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 7Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 8Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 9Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 10Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 11Page - NXP Semiconductors PESD5V0S1BLD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PESD5V0S1BLD
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 12 October 2010
8 of 13
NXP Semiconductors
PESD5V0S1BLD
Low capacitance bidirectional ESD protection diode
7.
Application information
The PESD5V0S1BLD is designed for the protection of one bidirectional data or signal line
from the damage caused by ESD and surge pulses. The device may be used on lines
where the signal polarities are both, positive and negative with respect to ground. The
PESD5V0S1BLD provides a surge capability of 130 W per line for an 8/20
μs waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the device as close to the input terminal or connector as possible.
2. The path length between the device and the protected line should be minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductors.
5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and
ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer PCBs, use ground
vias.
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
Fig 10. Application diagram
006aaa057
PESD5V0S1Bx
GND
signal line


Similar Part No. - PESD5V0S1BLD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0S1BLD NEXPERIA-PESD5V0S1BLD Datasheet
279Kb / 11P
   Bidirectional ESD protection diode
11 October 2018
PESD5V0S1BLD-Q NEXPERIA-PESD5V0S1BLD-Q Datasheet
284Kb / 12P
   Bidirectional ESD protection diode
4 October 2022
More results

Similar Description - PESD5V0S1BLD

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
   ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
Nexperia B.V. All right...
PESD3V3V1BL NEXPERIA-PESD3V3V1BL Datasheet
251Kb / 13P
   Low capacitance bidirectional ESD protection diode
PESD15VL1BA NEXPERIA-PESD15VL1BA Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
13 April 2023
PESD5V0S1BL-Q NEXPERIA-PESD5V0S1BL-Q Datasheet
211Kb / 11P
   Low capacitance bidirectional ESD protection diode
23 November 2022
PESD5V0U1BL NEXPERIA-PESD5V0U1BL Datasheet
198Kb / 10P
   Low capacitance bidirectional ESD protection diode
11 October 2018
PESD5V0U1BA-Q NEXPERIA-PESD5V0U1BA-Q Datasheet
212Kb / 11P
   Low capacitance bidirectional ESD protection diode
3 May 2022
PESD5V0L1BA NEXPERIA-PESD5V0L1BA Datasheet
238Kb / 11P
   Low capacitance bidirectional ESD protection diode
11 April 2023
PESD15VL1BA-Q NEXPERIA-PESD15VL1BA-Q Datasheet
230Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0L1BA-Q NEXPERIA-PESD5V0L1BA-Q Datasheet
237Kb / 11P
   Low capacitance bidirectional ESD protection diode
19 May 2022
PESD5V0U1BA NEXPERIA-PESD5V0U1BA Datasheet
209Kb / 11P
   Low capacitance bidirectional ESD protection diode
1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com