Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV004BC-12PNS Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MBM29LV004BC-12PNS
Description  4M (512K X 8) BIT
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV004BC-12PNS Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MBM29LV004BC-12PNS Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 9Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 10Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 11Page - Fujitsu Component Limited. MBM29LV004BC-12PNS Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
MBM29LV004TC-70/-90/-12/MBM29LV004BC-70/-90/-12
8
s LOGIC SYMBOL
Legend: L = VIL, H = VIH, X = VIL or VIH,
= Pulse input. See DC Characteristics for voltage levels.
Notes: 1. Manufacturer and device codes may also be accessed via a command register write sequence. See
Table 6.
2. Refer to the section on Sector Protection.
3. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
4. VCC = 3.3 V ± 10%
5. It is also used for the extended sector protection.
Table 1
MBM29LV004TC/004BC Pin Configuration
Pin
Function
A0 to A18
Address Inputs
DQ0 to DQ7
Data Inputs/Outputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RY/BY
Ready/Busy Output
RESET
Hardware Reset Pin/Temporary Sector
Unprotection
N.C.
No Internal Connection
VSS
Device Ground
VCC
Device Power Supply
Table 2
MBM29LV004TC/004BC User Bus Operations
Operation
CE
OE
WE
A0
A1
A6
A9
A10
DQ0 to DQ7
RESET
Auto-Select Manufacturer Code (1)
L
L
H
L
L
L
VID
L
Code
H
Auto-Select Device Code (1)
L
L
H
H
L
L
VID
L
Code
H
Read (3)
L
L
H
A0
A1
A6
A9
A10
DOUT
H
Standby
H
XXXXXX
X
HIGH-Z
H
Output Disable
L
H
H
XXXX
X
HIGH-Z
H
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
A10
DIN
H
Enable Sector Protection (2), (4)
L
VID
LHL
VID
XX
H
Verify Sector Protection (2), (4)
L
L
H
L
H
L
VID
L
Code
H
Temporary Sector Unprotection (5)
XXXXXXX
X
X
VID
Reset (Hardware)/Standby
X
X
X
XXXX
X
HIGH-Z
L
19
A0 to A18
WE
OE
CE
DQ 0 to DQ 7
8
RESET
RY/BY


Similar Part No. - MBM29LV004BC-12PNS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV001BC FUJITSU-MBM29LV001BC Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55 FUJITSU-MBM29LV001BC-55 Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PD FUJITSU-MBM29LV001BC-55PD Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTN FUJITSU-MBM29LV001BC-55PFTN Datasheet
421Kb / 49P
   1M (128K x 8) BIT
MBM29LV001BC-55PFTR FUJITSU-MBM29LV001BC-55PFTR Datasheet
421Kb / 49P
   1M (128K x 8) BIT
More results

Similar Description - MBM29LV004BC-12PNS

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Fujitsu Component Limit...
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
ON Semiconductor
ENA2312 ONSEMI-ENA2312 Datasheet
159Kb / 23P
   4M-bit (512K x 8) Serial Flash Memory
April, 2014
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
MX23C4100 MCNIX-MX23C4100 Datasheet
322Kb / 8P
   4M-BIT [512K x 8/256K x 16] MASK ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com