Electronic Components Datasheet Search |
|
TS5A4597 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
TS5A4597 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 18 page TS5A4597 SINGLECHANNEL 8 W SPST ANALOG SWITCH SCDS182 − FEBRUARY 2005 www.ti.com 2 Pin Configurations 1 2 3 4 5 COM NC GND IN V+ 1 2 3 4 5 COM NO GND IN V+ 1 2 3 5 4 IN COM GND NO V+ 1 2 3 5 4 IN COM GND NC V+ TS5A4594 TS5A4595 TS5A4596 TS5A4597 Available in Other Pin Configurations Absolute Minimum and Maximum Ratings(1)(2) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) −0.3 6 V VNC VCOM Analog voltage range(3)(4) −0.3 V+ + 0.3 V IK Analog port diode current VNC, VCOM < 0 −50 mA INC ICOM On-state switch current VNC, VCOM = 0 to V+ −20 20 mA VI Digital input voltage range(3)(4) −0.3 6 V IIK Digital input clamp current VI < 0 −50 mA I+ Continuous current through V+ 100 mA IGND Continuous current through GND −100 mA θJA Package thermal impedance(5) DBV package 206 °C/W θJA Package thermal impedance(5) DCK package 252 °C/W Tstg Storage temperature range −65 150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) The package thermal impedance is calculated in accordance with JESD 51-7. |
Similar Part No. - TS5A4597 |
|
Similar Description - TS5A4597 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |