Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29PL160TD-75PF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MBM29PL160TD-75PF
Description  16M (2M x 8/1M x 16) BIT
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29PL160TD-75PF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MBM29PL160TD-75PF Datasheet HTML 1Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 2Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 3Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 4Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 5Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 6Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 7Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 8Page - Fujitsu Component Limited. MBM29PL160TD-75PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
DS05-20872-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
PAGE MODE FLASH MEMORY
CMOS
16M (2M
× 8/1M × 16) BIT
MBM29PL160TD-75/-90/MBM29PL160BD-75/-90
s FEATURES
• Single 3.0 V read, program and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with MASK ROM pinouts
48-pin TSOP (I) (Package suffix: PFTN-Normal Bend Type, PFTR-Reversed Bend Type)
44-pin SOP (Package suffix: PF)
• Minimum 100,000 program/erase cycles
• High performance
25 ns maximum page access time (75ns maximum random access time)
• An 8 words page read mode function
• Sector erase architecture
One 8K word, two 4K words, one 112K word, and seven 128K words sectors in word mode
One 16K byte, two 8K bytes, one 224K byte, and seven 256K bytes sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded programTM Algorithms
Automatically programs and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switches themselves to low power mode
•Low VCC write inhibit
≤ 2.5 V
(Continued)
Embedded EraseTM and Embedded ProgramTM are trademarks of Advanced Micro Devices, Inc.


Similar Part No. - MBM29PL160TD-75PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL12LM FUJITSU-MBM29PL12LM Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PBT FUJITSU-MBM29PL12LM10PBT Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
MBM29PL12LM10PCN FUJITSU-MBM29PL12LM10PCN Datasheet
1Mb / 72P
   FLASH MEMORY 128 M (16M 짰8/8M 짰16) BIT
More results

Similar Description - MBM29PL160TD-75PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29LV160TE FUJITSU-MBM29LV160TE Datasheet
653Kb / 59P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com