Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3357 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS5A3357
Description  SINGLE 5-廓 SP3T ANALOG SWITCH
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3357 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS5A3357_14 Datasheet HTML 2Page - Texas Instruments TS5A3357_14 Datasheet HTML 3Page - Texas Instruments TS5A3357_14 Datasheet HTML 4Page - Texas Instruments TS5A3357_14 Datasheet HTML 5Page - Texas Instruments TS5A3357_14 Datasheet HTML 6Page - Texas Instruments TS5A3357_14 Datasheet HTML 7Page - Texas Instruments TS5A3357_14 Datasheet HTML 8Page - Texas Instruments TS5A3357_14 Datasheet HTML 9Page - Texas Instruments TS5A3357_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
www.ti.com
TS5A3357
SINGLE 5-
Ω SP3T ANALOG SWITCH
5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS177A – OCTOBER 2004 – REVISED DECEMBER 2007
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY (continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Dynamic
VNO = V+ or
25
°C
3.3 V
2
9.5
CL = 50 pF,
Turn-on time
tON
GND,
ns
See Figure 16
Full
3 V to 3.6 V
2
11
RL = 500 Ω,
VNO = V+ or
25
°C
3.3 V
1.3
5.1
CL = 50 pF,
Turn-off time
tOFF
GND,
ns
See Figure 16
Full
3 V to 3.6 V
1.5
5.5
RL = 500 Ω,
25
°C
3.3 V
0.5
Break-before-
VNO = V+,
CL = 50 pF,
tBBM
ns
make time
RL = 50 Ω,
See Figure 17
Full
3 V to 3.6 V
0.5
Charge
VGEN = 0,
QC
See Figure 21
25
°C
3.3 V
1.75
pC
injection
CL = 0.1 nF,
VNO = V+ or
NO
CNO(OFF)
GND,
See Figure 15
25
°C
3.3 V
4.5
pF
OFF capacitance
Switch OFF,
VNO = V+ or
COM
CCOM(OFF) GND,
See Figure 15
25
°C
3.3 V
10.5
pF
OFF capacitance
Switch OFF,
VNO = V+ or
NO
CNO(ON)
GND,
See Figure 15
25
°C
3.3 V
17
pF
ON capacitance
Switch ON,
VCOM = V+ or
COM
CCOM(ON)
GND,
See Figure 15
25
°C
3.3 V
17
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 15
25
°C
3.3 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25
°C 3 V to 3.6 V
327
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C 3 V to 3.6 V
–82
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C 3 V to 3.6 V
–62
dB
f = 10 MHz,
See Figure 20
Supply
25
°C
1
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
3.6 V
µA
current
Full
10
6
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TS5A3357


Similar Part No. - TS5A3357_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Similar Description - TS5A3357_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_16 Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
logo
Fairchild Semiconductor
FSA3259 FAIRCHILD-FSA3259 Datasheet
337Kb / 10P
   Dual SP3T Analog Switch
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359 Datasheet
292Kb / 22P
[Old version datasheet]   1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com