Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A2066DCTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A2066DCTR
Description  DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2066DCTR Datasheet(HTML) 1 Page - Texas Instruments

  TS5A2066DCTR Datasheet HTML 1Page - Texas Instruments TS5A2066DCTR Datasheet HTML 2Page - Texas Instruments TS5A2066DCTR Datasheet HTML 3Page - Texas Instruments TS5A2066DCTR Datasheet HTML 4Page - Texas Instruments TS5A2066DCTR Datasheet HTML 5Page - Texas Instruments TS5A2066DCTR Datasheet HTML 6Page - Texas Instruments TS5A2066DCTR Datasheet HTML 7Page - Texas Instruments TS5A2066DCTR Datasheet HTML 8Page - Texas Instruments TS5A2066DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
DCT OR DCU PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
NO1
COM1
IN2
GND
COM2
IN1
V+
NO2
YZP PACKAGE
(BOTTOM VIEW)
GND
IN2
COM1
NO1
IN1
COM2
NO2
V+
4
3
2
1
8
6
7
5 D2
D1
C2
C1
B2
B1
A2
A1
TS5A2066
www.ti.com
SCDS184D – JANUARY 2005 – REVISED APRIL 2010
DUAL-CHANNEL 10-
Ω SPST ANALOG SWITCH
Check for Samples: TS5A2066
1
FEATURES
APPLICATIONS
Sample-and-Hold Circuits
2
Low ON-State Resistance (10
Ω)
Battery-Powered Equipment
Control Inputs Are 5-V Tolerant
Audio and Video Signal Routing
Low Charge Injection
Communication Circuits
Excellent ON-State Resistance Matching
Cell Phones
Low Total Harmonic Distortion (THD)
Low-Voltage Data-Acquisition Systems
1.65-V to 5.5-V Single-Supply Operation
PDAs
Latch-Up Performance Exceeds 100 mA Per
DESCRIPTION/ORDERING INFORMATION
JESD 78, Class II
The TS5A2066 is a dual single-pole single-throw
ESD Performance Tested Per JESD 22
(SPST) analog switch that is designed to operate
2000-V Human-Body Model
from 1.65 V to 5.5 V. This device can handle both
(A114-B, Class II)
digital and analog signals, and signals up to V+ can
be transmitted in either direction.
1000-V Charged-Device Model (C101)
Table 1. Summary of Characteristics(1)
Dual Single Pole
Configuration
Single Throw
(2 × SPST)
Number of channels
2
ON-state resistance (ron)
7.5
ON-state resistance match (
Δron)
0.4
ON-state resistance flatness (ron(flat))
3.5
Turn-on/turn-off time (tON/tOFF)
5.8 ns/3.6 ns
Charge injection (QC)
1 pC
Bandwidth (BW)
400 MHz
OFF isolation (OISO)
–68 dB
Crosstalk (XTALK)
–66 dB
Total harmonic distortion (THD)
0.01%
Leakage current (ICOM(OFF)/(INC(OFF)
±50 nA
Power-supply current (I+)
0.1 mA
8-pin DSBGA, SSOP,
Package options
or VSSOP
(1)
V+ = 5 V and TA = 25°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS5A2066DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2066DCTR TI-TS5A2066DCTR Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A2066DCTR TI-TS5A2066DCTR Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCTRE4 TI-TS5A2066DCTRE4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCTRG4 TI-TS5A2066DCTRG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

Similar Description - TS5A2066DCTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
logo
STMicroelectronics
STG4210 STMICROELECTRONICS-STG4210 Datasheet
409Kb / 21P
   Low voltage 1 廓 dual SPST analog switch
August 2008 Rev 1
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_V01 Datasheet
172Kb / 10P
   0.4-廓, Low Voltage, Dual SPST Analog Switch
02-Oct-12
DG2737 VISHAY-DG2737_V01 Datasheet
189Kb / 10P
   6-Ω, Low Voltage, Dual SPST Analog Switch
02-Oct-12
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com