Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A5018RGYRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TS3A5018RGYRG4
Description  10-廓 QUAD SPDT ANALOG SWITCH
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A5018RGYRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS3A5018RGYRG4 Datasheet HTML 7Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 8Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 9Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 10Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 11Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 12Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 13Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 14Page - Texas Instruments TS3A5018RGYRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
1
2
3
4
5
6
7
8
−40
25
85
TA (5C)
tON
tOFF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1.65 1.85 2.05 2.25 2.45 2.65 2.85 3.05 3.25 3.45 3.6
V+ (V)
VIH
VIL
TA = 25°C
G001
V
- V
COM
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
5
6
7
2.0
2.5
3.0
3.5
4.0
V+ (V)
tON
tOFF
TS3A5018
www.ti.com
SCDS189F – JANUARY 2005 – REVISED MAY 2013
TYPICAL PERFORMANCE (continued)
Figure 7. Charge Injection (QC) vs VCOM (V+ = 1.8 V)
Figure 8. tON and tOFF vs Supply Voltage
Figure 9. tON and tOFF vs Temperature (V+ = 3.3 V)
Figure 10. Logic-Level Threshold vs V+
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TS3A5018


Similar Part No. - TS3A5018RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018RGYRG4 TI-TS3A5018RGYRG4 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018RGYRG4 TI-TS3A5018RGYRG4 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

Similar Description - TS3A5018RGYRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018_101 TI-TS3A5018_101 Datasheet
830Kb / 29P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com