Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV160TE70PBT Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MBM29LV160TE70PBT
Description  16M (2M X 8/1M X 16) BIT
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MBM29LV160TE70PBT Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MBM29LV160TE70PBT Datasheet HTML 1Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 2Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 3Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 4Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 5Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 6Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 7Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 8Page - Fujitsu Component Limited. MBM29LV160TE70PBT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
MBM29LV160TE/BE-70/90/12
3
s FEATURES
•0.23
µm Process Technology
• Single 3.0 V read, program and erase
Minimizes system level power requirements
• Compatible with JEDEC-standard commands
Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
48-pin TSOP (I) (Package suffix: TN-Normal Bend Type, TR-Reversed Bend Type)
48-pin CSOP (Package suffix: PCV)
48-ball FBGA (Package suffix: PBT)
• Minimum 100,000 program/erase cycles
• High performance
70 ns maximum access time
• Sector erase architecture
One 8K word, two 4K words, one 16K word, and thirty-one 32K words sectors in word mode
One 16K byte, two 8K bytes, one 32K byte, and thirty-one 64K bytes sectors in byte mode
Any combination of sectors can be concurrently erased. Also supports full chip erase
• Boot Code Sector Architecture
T = Top sector
B = Bottom sector
• Embedded EraseTM Algorithms
Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
Automatically programs and verifies data at specified address
•Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
Hardware method for detection of program or erase cycle completion
• Automatic sleep mode
When addresses remain stable, automatically switches themselves to low power mode
•Low VCC write inhibit
≤ 2.5 V
• Erase Suspend/Resume
Suspends the erase operation to allow a read data and/or program in another sector within the same device
• Sector protection
Hardware method disables any combination of sectors from program or erase operations
• Sector Protection Set function by Extended sector Protection command
• Fast Programming Function by Extended command
• Temporary sector unprotection
Temporary sector unprotection via the RESET pin
• In accordance with CFI (Common Flash Memory Interface)


Similar Part No. - MBM29LV160TE70PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T-12 FUJITSU-MBM29LV160T-12 Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
logo
SPANSION
MBM29LV160T-12 SPANSION-MBM29LV160T-12 Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Fujitsu Component Limit...
MBM29LV160T-12PBT FUJITSU-MBM29LV160T-12PBT Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
More results

Similar Description - MBM29LV160TE70PBT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29PL160TD FUJITSU-MBM29PL160TD Datasheet
591Kb / 51P
   16M (2M x 8/1M x 16) BIT
MBM29F160TE FUJITSU-MBM29F160TE Datasheet
577Kb / 53P
   16M (2M X 8/1M X 16) BIT
MBM29SL160TD FUJITSU-MBM29SL160TD Datasheet
715Kb / 61P
   16M (2M x 8/1M x 16) BIT
MBM29LV160T FUJITSU-MBM29LV160T Datasheet
767Kb / 60P
   16M (2M x쨈 8/1M x 16) BIT
MBM29DL16XTD FUJITSU-MBM29DL16XTD Datasheet
1Mb / 76P
   16M (2M x 8/1M x 16) BIT Dual Operation
logo
Macronix International
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
logo
SPANSION
MBM29F160TE70 SPANSION-MBM29F160TE70 Datasheet
575Kb / 49P
   FLASH MEMORY CMOS 16M (2M X 8/1M X 16) BIT
MBM29LV160T SPANSION-MBM29LV160T Datasheet
731Kb / 58P
   FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
AMIC Technology
LP62S161024 AMICC-LP62S161024 Datasheet
182Kb / 16P
   16M BIT (1M x 16 / 2M x 8) LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com