Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3704CNSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3704CNSR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CNSR Datasheet(HTML) 3 Page - Texas Instruments

  TLC3704CNSR Datasheet HTML 1Page - Texas Instruments TLC3704CNSR Datasheet HTML 2Page - Texas Instruments TLC3704CNSR Datasheet HTML 3Page - Texas Instruments TLC3704CNSR Datasheet HTML 4Page - Texas Instruments TLC3704CNSR Datasheet HTML 5Page - Texas Instruments TLC3704CNSR Datasheet HTML 6Page - Texas Instruments TLC3704CNSR Datasheet HTML 7Page - Texas Instruments TLC3704CNSR Datasheet HTML 8Page - Texas Instruments TLC3704CNSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
FK
J
N
PW
950 mW
1375 mW
1375 mW
1150 mW
675 mW
7.6 mW/
°C
11.0 mW/
°C
11.0 mW/
°C
9.2 mW/
°C
5.4 mW/
°C
608 mW
880 mW
880 mW
736 mW
432 mW
494 mW
715 mW
715 mW
598 mW
351 mW
N/A
275 mW
275 mW
N/A
N/A
recommended operating conditions
TLC3704C
UNIT
MIN
NOM
MAX
UNIT
Supply voltage, VDD
3
5
16
V
Common-mode input voltage, VIC
− 0.2
VDD − 1.5
V
High-level output current, IOH
− 20
mA
Low-level output current, IOL
20
mA
Operating free-air temperature, TA
0
70
°C
electrical characteristics at specified operating free-air temperature, VDD = 5 V
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
T
TLC3704C
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
V
Input offset voltage
VDD = 5 V to 10 V,
25
°C
1.2
5
mV
VIO
Input offset voltage
VIC = VICRmin,
See Note 3
0
°C to 70°C
6.5
mV
I
Input offset current
V
25V
25
°C
1
pA
IIO
Input offset current
VIC = 2.5 V
70
°C
0.3
nA
I
Input bias current
V
25V
25
°C
5
pA
IIB
Input bias current
VIC = 2.5 V
70
°C
0.6
nA
V
Common mode input voltage range
25
°C
0 to
VDD − 1
V
VICR
Common-mode input voltage range
0
°C to 70°C
0 to
VDD − 1.5
V
25
°C
84
CMRR
Common-mode rejection ratio
VIC = VICRmin
70
°C
84
dB
CMRR
Common mode rejection ratio
VIC
VICRmin
0
°C
84
dB
25
°C
85
kSVR
Supply-voltage rejection ratio
VDD = 5 V to 10 V
70
°C
85
dB
kSVR
Supply voltage rejection ratio
VDD
5 V to 10 V
0
°C
85
dB
V
High level output voltage
V
1V
I
4mA
25
°C
4.5
4.7
V
VOH
High-level output voltage
VID = 1 V,
IOH = − 4 mA
70
°C
4.3
V
V
Low level output voltage
V
1V
I
4mA
25
°C
210
300
mV
VOL
Low-level output voltage
VID = −1 V,
IOH = 4 mA
70
°C
375
mV
I
Supply current (all four comparators)
Outputs low
No load
25
°C
35
80
µA
IDD
Supply current (all four comparators)
Outputs low,
No load
0
°C to 70°C
100
µA
All characteristics are measured with zero common-mode voltage unless otherwise noted.
NOTE 3: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V.


Similar Part No. - TLC3704CNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704CNSR TI-TLC3704CNSR Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704CNSR TI1-TLC3704CNSR Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Similar Description - TLC3704CNSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com