Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R12A12V03 Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # R12A12V03
Description  Ideal For all type of audio products.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

R12A12V03 Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  R12A12V03_14 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD R12A12V03_14 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications( 規格)
Electrical Characteristics [ 電氣性能 ]
Total resistance [ 全阻抗值 ]
500
Ω - 1MΩ
Total resistance tolerance [ 全阻抗值容許差 ]
±20%
Ratings power(w) [ 額定功率 ]
0.05W
Resistance taper [ 阻抗變化特性 ]
A,B, *C,D,W
Residual resistance [殘留阻值]
30K
ΩMax.
Sliding noise [滑動雜音]
100mV Max.
Withstanding voltage [耐電壓]
1 minute at AC 300V
Gang error [連動誤差]
-40dB ~ 0dB ±3dB Max.
Insulation resistance [絕緣阻抗]
100M
Ω Min. at DC 100V.
Max. operating voltage [最高使用電壓]
50V AC 20V DC
Mechanical Characteristics [ 机械性能 ]
Operation torque [ 回轉力矩 ]
20~250gf . cm
Rotation stopper strength [ 止動強度 ]
2.0Kgf . cm Min.
Total rotational angle [回轉角度]
300±5°
Center decent force [掣子脫出力矩]
50~300gf.cm
Endurance Characteristics [ 耐久性能 ]
Rotational life [ 回轉壽命 ]
More than10,000 cycles
Http://www.productwell.com E-Mail: pwlhk@productwell.com
Tel: ( 852)2687 3208 Fax: ( 852)2687 3336


Similar Part No. - R12A12V03_14

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R12A12V03 PRODUCTWELL-R12A12V03 Datasheet
130Kb / 2P
   ROTARY POTENTIOMETER
More results

Similar Description - R12A12V03_14

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
R16A11HB1 PRODUCTWELL-R16A11HB1_14 Datasheet
129Kb / 1P
   Ideal for all type of audio products
R1681NV01 PRODUCTWELL-R1681NV01_14 Datasheet
131Kb / 2P
   Ideal for all type of audio products.
R12A12H01 PRODUCTWELL-R12A12H01_14 Datasheet
278Kb / 2P
   Ideal For all type of audio products.
R16A11V01 PRODUCTWELL-R16A11V01_14 Datasheet
132Kb / 1P
   Ideal for all type of audio products.
R16A11VF1 PRODUCTWELL-R16A11VF1_14 Datasheet
133Kb / 1P
   Ideal for all type of audio products.
R16A12V01 PRODUCTWELL-R16A12V01_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
R1681NH01 PRODUCTWELL-R1681NH01_14 Datasheet
127Kb / 2P
   Ideal for all type of audio products.
R1681NHB1 PRODUCTWELL-R1681NHB1_14 Datasheet
129Kb / 2P
   Ideal for all type of audio products.
R16A12H01 PRODUCTWELL-R16A12H01_14 Datasheet
126Kb / 2P
   Ideal for all type of audio products.
R16A12HB1 PRODUCTWELL-R16A12HB1_14 Datasheet
130Kb / 2P
   Ideal for all type of audio products.
R1681NVB1 PRODUCTWELL-R1681NVB1_14 Datasheet
132Kb / 2P
   Ideal for all type of audio products.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com