Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6772QMMNOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC6772QMMNOPB
Description  Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6772QMMNOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMC6772QMMNOPB Datasheet HTML 1Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 2Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 3Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 4Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 5Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 6Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 7Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 8Page - Texas Instruments LMC6772QMMNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LMC6772
www.ti.com
SNOS749F – SEPTEMBER 1995 – REVISED MARCH 2013
AC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5V, V= 0V, V
CM = VO = V
+/2. Boldface limits apply at the
temperature extreme.
Symbol
Parameter
Conditions
Typ(1)
LMC6772AI
LMC6772BI
Units
Limit(2)
Limit(2)
tRISE
Rise Time
f = 10 kHz, CL = 50 pF,
0.3
μs
Overdrive = 10 mV(3)
tFALL
Fall Time
f = 10 kHz, CL = 50 pF,
0.3
μs
Overdrive = 10 mV(3)
tPHL
Propagation Delay
f = 10 kHz,
10 mV
10
μs
(High to Low)
CL = 50 pF
(3)
100 mV
4
μs
V+ = 2.7V,
10
μs
10 mV
f = 10 kHz,
CL = 50 pF
(3)
100 mV
4
μs
tPLH
Propagation Delay
f = 10 kHz,
10 mV
10
μs
(Low to High)
CL = 50 pF
(3)
100 mV
4
μs
V+ = 2.7V,
8
μs
10 mV
f = 10 kHz,
CL = 50 pF
(3)
100 mV
4
μs
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
CL inlcudes the probe and jig capacitance. The rise time, fall time and propagation delays are measured with a 2V input step.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6772


Similar Part No. - LMC6772QMMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772QMM/NOPB TI1-LMC6772QMM/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772QMM/NOPB TI-LMC6772QMM/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772QMMX/NOPB TI1-LMC6772QMMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772QMMX/NOPB TI-LMC6772QMMX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results

Similar Description - LMC6772QMMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375 Datasheet
1Mb / 14P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_16 Datasheet
1Mb / 20P
[Old version datasheet]   SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com