Electronic Components Datasheet Search |
|
1N4006 Datasheet(PDF) 2 Page - General Semiconductor |
|
1N4006 Datasheet(HTML) 2 Page - General Semiconductor |
2 / 2 page 0 25 50 75 100 125 150 175 0 0.2 0.4 0.6 0.8 1.0 1 10 100 5.0 10 15 20 25 30 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 20 0.1 1 10 100 1 10 100 0.01 0.1 1 10 100 0.1 1 10 100 020 40 60 80 100 0.01 0.1 1 10 100 1,000 RATINGS AND CHARACTERISTIC CURVES 1N4001 THRU 1N4007 FIG.1 - FORWARD CURRENT DERATING CURVE AMBIENT TEMPERATURE, °C 0.375” (9.5mm) LEAD LENGTH 0.2 x 0.2” (5.0 x 5.0mm) COPPER PADS FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60 HZ TJ=25°C f=1.0 MHz Vsig=50mVp-p TJ=25°C TJ=100°C TJ=150°C FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE t, PULSE DURATION, sec. FIG. 5 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, VOLTS FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PERCENTAGE OF PEAK REVERSE VOLTAGE, % 8.3ms SINGLE HALF SINE WAVE (JEDEC Method) TA=75°C TJ=25°C PULSE WIDTH=300 µs 1% DUTY CYCLE 60 HZ RESISTIVE OR INDUCTIVE LOAD |
Similar Part No. - 1N4006 |
|
Similar Description - 1N4006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |