Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S5004 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S5004
Description  75 dB High Isolation SP4T PIN Diode Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S5004 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S5004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S5004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S5004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S5004 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S5004 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S5004 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S5004 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Positive Voltage
+7
Volts
Negative Voltage
-14
Volts
RF input Power
+24
dBm
Operating Temperature
-54 to +85
°C
Storage Temperature
-55 to +100
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Mechanical Specifications
.
Environmental Specifications By Design
Temperature
Operating Range
-54 to +85 deg C
Humidity
Mil-STD-810 507.4
Shock
Mil-STD-810 method 504, 516.5
Vibration
Mil-STD-810 514.6
Temperature Cycle
Mil-STD-810 501.5, 502.5
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
PE71S5004
PE71S5004 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 dB High Isolation SP4T PIN Diode Switch 6 GHz to 12 GHz, 2.5 dB Insertion Loss with
SMA PE71S5004
75 dB High Isolation SP4T PIN Diode Switch 6 GHz
to 12 GHz, 2.5 dB Insertion Loss with SMA


Similar Part No. - PE71S5004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S5000 PASTERNACK-PE71S5000 Datasheet
463Kb / 7P
   TECHNICAL DATA SHEET
PE71S5001 PASTERNACK-PE71S5001 Datasheet
435Kb / 6P
   TECHNICAL DATA SHEET
PE71S5002 PASTERNACK-PE71S5002 Datasheet
915Kb / 6P
   90 dB High Isolation SPDT PIN Diode Switch
PE71S5003 PASTERNACK-PE71S5003 Datasheet
1Mb / 7P
   80 dB High Isolation SP4T PIN Diode Switch
PE71S5005 PASTERNACK-PE71S5005 Datasheet
704Kb / 6P
   TECHNICAL DATA SHEET
More results

Similar Description - PE71S5004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S5003 PASTERNACK-PE71S5003 Datasheet
1Mb / 7P
   80 dB High Isolation SP4T PIN Diode Switch
PE7395-12 PASTERNACK-PE7395-12 Datasheet
206Kb / 3P
   90 dB High Isolation SPDT PIN Diode Switch
PE71S5002 PASTERNACK-PE71S5002 Datasheet
915Kb / 6P
   90 dB High Isolation SPDT PIN Diode Switch
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
   SP4T High Isolation Terminated Switch
logo
Tyco Electronics
MA4AGSW4 MACOM-MA4AGSW4 Datasheet
237Kb / 6P
   AIGAAS SP4T PIN DIODE SWITCH
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
   SP4T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4SW410 MACOM-MA4SW410 Datasheet
199Kb / 6P
   SP4T Monolithic PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
   SP4T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MASW-004100 MACOM-MASW-004100 Datasheet
237Kb / 6P
   Monolithic PIN SP4T Diode Switch
logo
RF Micro Devices
RFSW6042 RFMD-RFSW6042 Datasheet
1Mb / 12P
   Low Insertion High Isolation SP4T Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com