Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE6222 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6222
Description  High Power 100 Watts RF Load Up To 8 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6222 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6222 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6222 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6222 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
High Power 100 Watts RF Load Up To 8 GHz With N Female Input Conduction Cooled Body Black Anodized Aluminum
Heatsink from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 100 Watts RF Load Up To 8 GHz With N Female Input Conduction Cooled Body Black
Anodized Aluminum Heatsink
PE6222
URL: http://www.pasternack.com/100-watts-n-female-rf-load-up-to-8-ghz-pe6222-p.aspx
PE6222
PE6222 REV 1.1
High Power 100 Watts RF Load Up To 8 GHz With N Female Input
Conduction Cooled Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6220 PASTERNACK-PE6220 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz
PE6224 PASTERNACK-PE6224 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With TNC
PE6225 PASTERNACK-PE6225 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With 7/16 DIN
More results

Similar Description - PE6222

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6221 PASTERNACK-PE6221 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz
PE6226 PASTERNACK-PE6226 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz
PE6223 PASTERNACK-PE6223 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz
PE6219 PASTERNACK-PE6219 Datasheet
256Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6220 PASTERNACK-PE6220 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With SMA
PE6224 PASTERNACK-PE6224 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With TNC
PE6137 PASTERNACK-PE6137_14 Datasheet
212Kb / 3P
   High Power 100 Watts RF Load Up To 2 GHz
PE6168 PASTERNACK-PE6168_14 Datasheet
217Kb / 3P
   High Power 100 Watts RF Load Up To 4 GHz
PE6225 PASTERNACK-PE6225 Datasheet
255Kb / 3P
   High Power 100 Watts RF Load Up To 8 GHz With 7/16 DIN
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
   100 Watts WR-42 RF Load Up To 26.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com