Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFH25P08 Datasheet(PDF) 2 Page - New Jersey Semi-Conductor Products, Inc.

Part # RFH25P08
Description  -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

RFH25P08 Datasheet(HTML) 2 Page - New Jersey Semi-Conductor Products, Inc.

  RFH25P08 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. RFH25P08 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - RFH25P08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFH25P08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFH25P08 INTERSIL-RFH25P08 Datasheet
33Kb / 4P
   -25A, -100V and -80V, 0.150 Ohm, P-Channel Power MOSFETs
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF9150 NJSEMI-IRF9150 Datasheet
152Kb / 3P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
logo
Intersil Corporation
IRFP9150 INTERSIL-IRFP9150 Datasheet
59Kb / 7P
   25A, 100V, 0.150 Ohm, P-Channel Power MOSFET
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
   -8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
RFL1P08 INTERSIL-RFL1P08 Datasheet
42Kb / 4P
   1A, -80V and -100V, 3.65 Ohm, P-Channel Power MOSFETs
RFP2P08 INTERSIL-RFP2P08 Datasheet
39Kb / 5P
   -2A, -80V and -100V, 3.500 Ohm, P-Channel Power MOSFETs
RFK25N18 INTERSIL-RFK25N18 Datasheet
42Kb / 5P
   25A, 180V and 200V, 0.150 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com