Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM4004W-W-S-R01-W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM4004W-W-S-R01-W
Description  PASSIVATED SILICON RECTIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM4004W-W-S-R01-W Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM4004W-W-S-R01-W Datasheet HTML 1Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 2Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 3Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 4Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 5Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 6Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 7Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 8Page - Rectron Semiconductor FM4004W-W-S-R01-W Datasheet HTML 9Page - Rectron Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SURFACE MOUNT
GLASS PASSIVATED SILICON RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
resistive or inductive load.
FM4007
THRU
FM4001
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ambient Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Current Squarad Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
I2t
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
30
3.7
15
Amps
A2/Sec
0
C/W
0
C/W
0
C
Storage Temperature Range
R q J A
Typical Thermal Resistance (Note 1)
27
80
30
R q J L
IO
pF
Operating Temperature Range
TJ
FM4001
50
150
-55 to + 150
0
C
FM4002
FM4003
FM4004
FM4005
FM4006
100
200
400
600
35
70
140
280
420
50
100
200
400
600
FM4007
FM4001
FM4002
FM4003
FM4004
FM4005
FM4006
FM4007
800
1000
800
1000
560
700
2009-09
REV:B
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
m
A
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
5.0
100
@TA = 25
oC
@TA = 100
oC
m
A
UNITS
1.1
NOTES : 1. Thermal Resistance :Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant","100% Sn plating (Pb-free)".
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.057 gram
* Epoxy : Device has UL flammability classification 94V-0
MECHANICAL DATA
DO-214AC
Dimensions in inches and (millimeters)
0.091 ( 2.31 )
0.067 ( 1.70 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.059 ( 1.50 )
0.035 ( 0.89 )
0.209 ( 5.31 )
0.185 ( 4.70 )
0.180 ( 4.57 )
0.160 ( 4.06 )
0.110 ( 2.79 )
0.086 ( 2.18 )
0.067 (1.70 )
0.051 (1.29 )


Similar Part No. - FM4004W-W-S-R01-W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM4004W-W-S-R01 RECTRON-FM4004W-W-S-R01 Datasheet
298Kb / 7P
   SURFACE MOUNT SILICON RECTIFIER
More results

Similar Description - FM4004W-W-S-R01-W

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N5415 CENTRAL-1N5415 Datasheet
287Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Sangdest Microelectroni...
RL101 SMC-RL101 Datasheet
178Kb / 4P
   PASSIVATED SILICON RECTIFIER
logo
Central Semiconductor C...
1N5188 CENTRAL-1N5188_15 Datasheet
289Kb / 2P
   PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Changzhou Shunye Electr...
1N4001G SY-1N4001G Datasheet
232Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
6A05G SY-6A05G Datasheet
1,002Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
SBM4001PT CHENMKO-SBM4001PT Datasheet
72Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
1N5400G SHUNYE-1N5400G_17 Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
BY127G SHUNYE-BY127G_17 Datasheet
991Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com