Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL32273E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL32273E
Description  QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32273E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL32273E Datasheet HTML 1Page - Intersil Corporation ISL32273E Datasheet HTML 2Page - Intersil Corporation ISL32273E Datasheet HTML 3Page - Intersil Corporation ISL32273E Datasheet HTML 4Page - Intersil Corporation ISL32273E Datasheet HTML 5Page - Intersil Corporation ISL32273E Datasheet HTML 6Page - Intersil Corporation ISL32273E Datasheet HTML 7Page - Intersil Corporation ISL32273E Datasheet HTML 8Page - Intersil Corporation ISL32273E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V,
RS-485/RS-422 Receivers
ISL32173E, ISL32175E, ISL32177E, ISL32273E, ISL32275E,
ISL32277E
These Intersil devices are ±16.5kV IEC61000-4-2 ESD
protected, 3.0V to 5.5V powered, QUAD receivers for
balanced communication using the RS-485 and RS-422
standards. Each receiver has low input currents
(±200µA), so it presents a 1/4 unit load to the RS-485
bus, and allows up to 128 receivers on the bus.
The ISL32173E, ISL32175E, ISL32177E are high data
rate receivers that operate at data rates up to 80Mbps.
Their 8ns maximum propagation delay skew (tolerance)
guarantees excellent part-to-part matching. The
ISL32273E, ISL32275E, ISL32277E are reduced supply
current versions that operate at data rates up to 20Mbps.
Receiver outputs are tri-statable, and incorporate a hot
plug feature to keep them disabled during power up and
down. Versions are available with a common EN/EN (‘173
pinout), a two channel EN12/EN34 (‘175 pinout), or a
versatile individual channel enable (see Table 1).
A 26% smaller footprint is available with the ISL32177E
and ISL32277E QFN packages, and these two devices
also feature a logic supply pin (VL). The VL supply sets
the switching points of the enable inputs, and the
receiver outputs’ VOH, to levels compatible with a lower
supply voltage in mixed voltage systems. Individual
channel and group enable pins increase the ISL32177E
and ISL32277E’s flexibility.
Features
• IEC61000 ESD Protection (RS-485 Inputs) ±16.5kV
- Class 3 ESD on all Other Pins . . . . . . >8kV HBM
• Wide Supply Range. . . . . . . . . . . . . 3.0V to 5.5V
• Wide Common Mode Range . . . . . . . -7V to +12V
• Low Part-to-Part Propagation Delay
Tolerance. . . . . . . . . . . . . . . . . . . . ±4ns (max)
• Specified for +125°C Operation
• Fail-Safe Open Rx Inputs
• 1/4 Unit Load Allows 128 Devices on the Bus
• Available in Industry Standard Pinouts (‘173/’175)
and a 4x4 QFN (ISL32X77E) with Added Features
• Logic Supply Pin (VL) Eases Operation in Mixed
Supply Systems (ISL32X77E)
• High Data Rates . . . . . . . . . up to 80M or 20Mbps
• Low Shutdown Supply Current . . . . . . . . . . 60µA
• Tri-statable Rx Outputs
• 5V Tolerant Logic Inputs When VCC = 3.3V
Applications
• Telecom Equipment
• Motor Controllers/Encoders
• Programmable Logic Controllers
• Industrial/Process Control Networks
ISL32177E Part-to-Part Prop
Delay Variability
ISL3217XE Data Rate and VL
Performance
RECEIVER PROPAGATION DELAY (ns)
VCC = 3.3V, +25°C
# of DEVICES = 270
TIME (4ns/DIV)
1
-1
0
A - B
VCC = 3.3V
-0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
VL = 2.5V
VL = 1.8V
VL = 1.6V
80Mbps
March 14, 2013
FN7529.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL32273E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32273E INTERSIL-ISL32273E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32273E INTERSIL-ISL32273E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL32273E RENESAS-ISL32273E Datasheet
1Mb / 21P
   Telecom equipment
logo
Intersil Corporation
ISL32273E-77E INTERSIL-ISL32273E-77E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
ISL32273EFBZ INTERSIL-ISL32273EFBZ Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
More results

Similar Description - ISL32273E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL32172E RENESAS-ISL32172E Datasheet
1Mb / 21P
   QUAD, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitters
Mar 19, 2020
RAA7884QT RENESAS-RAA7884QT Datasheet
707Kb / 15P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, Low Power, RS-422 Transmitter
Oct.14.20
logo
Maxim Integrated Produc...
MAX3160E MAXIM-MAX3160E_15 Datasheet
505Kb / 26P
   ±15kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/ RS-422 Multiprotocol Transceivers
Rev 1; 5/15
MAX3160E MAXIM-MAX3160E Datasheet
480Kb / 26P
   5kV ESD-Protected, 3.0V to 5.5V, 10nA, RS-232/RS-485/RS-422 Multiprotocol Transceivers
Rev 0; 2/05
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Maxim Integrated Produc...
MAX3095 MAXIM-MAX3095_V01 Datasheet
1Mb / 13P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 4; 1/18
MAX3095 MAXIM-MAX3095 Datasheet
163Kb / 12P
   짹15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
19-0498; Rev 0; 3/98
MAX3095 MAXIM-MAX3095_10 Datasheet
195Kb / 11P
   ±15kV ESD-Protected, 10Mbps, 3V/5V, Quad RS-422/RS-485 Receivers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com