Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3811U Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3811U
Description  PNP SILICON DUAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3811U Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3811U Datasheet HTML 1Page - Microsemi Corporation 2N3811U Datasheet HTML 2Page - Microsemi Corporation 2N3811U Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
PNP SILICON DUAL TRANSISTOR
Qualified per MIL-PRF-19500 /336
T4-LDS-0118 Rev. 1 (091095)
Page 1 of 3
DEVICES
LEVELS
2N3810
2N3811
JAN
2N3810L
2N3811L
JANTX
2N3810U
2N3811U
JANTV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
60
Vdc
Collector-Base Voltage
VCBO
60
Vdc
Emitter-Base Voltage
VEBO
5.0
Vdc
Collector Current
IC
50
mAdc
One
Section
1
Both
Sections
2
Total Power Dissipation
@ TA = +25°C
PT
200
350
mW
Operating & Storage Junction Temperature
Range
TJ, Tstg
-65 to +200
°C
Note:
1.
Derate linearly 1.143mW/°C for TA > +25°C (one section)
2.
Derate linearly 2.00mW/°C for TA > +25°C (both sections)
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 100μAdc
V(BR)CEO
60
Vdc
Collector-Base Cutoff Current
VCB = 50Vdc
VCB = 60Vdc
ICBO
10
10
ηAdc
μAdc
Emitter-Base Cutoff Current
VEB = 4.0Vdc
VEB = 5.0Vdc
IEBO
10
10
ηAdc
μAdc
TO-78


Similar Part No. - 2N3811U

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N3811U MICROSEMI-2N3811U Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N3811U MICROSEMI-2N3811U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3811U MICROSEMI-2N3811U Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
2N3811U MICROSEMI-2N3811U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
More results

Similar Description - 2N3811U

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3726 CENTRAL-2N3726_15 Datasheet
112Kb / 2P
   PNP DUAL SILICON TRANSISTOR
2N3726 CENTRAL-2N3726 Datasheet
108Kb / 2P
   PNP DUAL SILICON TRANSISTOR
MD3250 CENTRAL-MD3250 Datasheet
494Kb / 2P
   DUAL PNP SILICON TRANSISTOR
2N3810 CENTRAL-2N3810 Datasheet
113Kb / 2P
   DUAL PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3810 MICROSEMI-2N3810 Datasheet
61Kb / 2P
   PNP SILICON DUAL TRANSISTOR
2N5795 MICROSEMI-2N5795 Datasheet
127Kb / 2P
   PNP DUAL SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SA1928 ETC-2SA1928 Datasheet
113Kb / 5P
   SILICON PNP DUAL TRANSISTOR
logo
Microsemi Corporation
JANTX2N3810U MICROSEMI-JANTX2N3810U Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_1 Datasheet
119Kb / 3P
   PNP SILICON DUAL TRANSISTOR
2N3810 MICROSEMI-2N3810_11 Datasheet
310Kb / 5P
   PNP SILICON DUAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com