Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4701 Datasheet(PDF) 2 Page - General Semiconductor

Part # 1N4701
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N4701 Datasheet(HTML) 2 Page - General Semiconductor

  1N4701 Datasheet HTML 1Page - General Semiconductor 1N4701 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4681 THRU 1N4717
ELECTRICAL CHARACTERISTICS
Type
Zener Voltage(1)
VZ @ lz = 50
µA (Volts)
Max Reverse
Current IR
(
µA)
Max Zener
Current
IZM
(mA)
Test Voltage
VR
(Volts)
Max Voltage Change
∆VZ
(Volts)(2)
1N4678
1.8
1.71
1.89
7.5
1.0
120
0.70
1N4679
2.0
1.90
2.10
5.0
1.0
110
0.70
1N4680
2.2
2.09
2.31
4.0
1.0
100
0.75
1N4681
2.4
2.28
2.52
2.0
1.0
95.0
0.80
1N4682
2.7
2.57
2.84
1.0
1.0
90.0
0.85
1N4683
3.0
2.85
3.15
0.8
1.0
85.0
0.90
1N4684
3.3
3.14
3.47
7.5
1.5
80.0
0.95
1N4685
3.6
3.42
3.78
7.5
2.0
75.0
0.95
1N4686
3.9
3.71
4.10
5.0
2.0
70.0
0.97
1N4687
4.3
4.09
4.52
4.0
2.0
65.0
0.99
1N4688
4.7
4.47
4.94
10.0
3.0
60.0
0.99
1N4689
5.1
4.85
5.36
10.0
3.0
55.0
0.97
1N4690
5.6
5.32
5.88
10.0
4.0
50.0
0.96
1N4691
6.2
5.89
6.51
10.0
5.0
45.0
0.95
1N4692
6.8
6.46
7.14
10.0
5.1
35.0
0.90
1N4693
7.5
7.13
7.88
10.0
5.7
31.8
0.75
1N4694
8.2
7.79
8.61
1.0
6.2
29.0
0.50
1N4695
8.7
8.27
9.14
1.0
6.6
27.4
0.10
1N4696
9.1
8.65
9.56
1.0
6.9
26.2
0.08
1N4697
10
9.50
10.5
1.0
7.6
24.8
0.10
1N4698
11
10.5
11.6
0.05
8.4
21.6
0.11
1N4699
12
11.4
12.6
0.05
9.1
20.4
0.12
1N4700
13
12.4
13.7
0.05
9.8
19.0
0.13
1N4701
14
13.3
14.7
0.05
10.6
17.5
0.14
1N4702
15
14.3
15.8
0.05
11.4
16.3
0.15
1N4703
16
15.2
16.8
0.05
12.1
15.4
0.16
1N4704
17
16.2
17.9
0.05
12.9
14.5
0.17
1N4705
18
17.1
18.9
0.05
13.6
13.2
0.18
1N4706
19
18.1
20.0
0.05
14.4
12.5
0.19
1N4707
20
19.0
21.0
0.01
15.2
11.9
0.20
1N4708
22
20.9
23.1
0.01
16.7
10.8
0.22
1N4709
24
22.8
25.2
0.01
18.2
9.9
0.24
1N4710
25
23.8
26.3
0.01
19.0
9.5
0.25
1N4711
27
25.7
28.4
0.01
20.4
8.8
0.27
1N4712
28
26.6
29.4
0.01
21.2
8.5
0.28
1N4713
30
28.5
31.5
0.01
22.8
7.9
0.30
1N4714
33
31.4
34.7
0.01
25.0
7.2
0.33
1N4715
36
34.2
37.8
0.01
27.3
6.6
0.36
1N4716
39
37.1
41.0
0.01
29.6
6.1
0.39
1N4717
43
40.9
45.2
0.01
32.6
5.5
0.43
NOTES:
(1) Tested with pulses, tp = 5ms
(2)
∆VZ is the difference between VZ at 100µA and at 10µA.
Nominal
Min
Max
(TA = 25°C, unless otherwise specified.)


Similar Part No. - 1N4701

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4701 VISHAY-1N4701 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4701 DIGITRON-1N4701 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4701 CDI-DIODE-1N4701 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4701 MCC-1N4701 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4701 KNOX-1N4701 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com