Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5019-10 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE5019-10
Description  Break-Over Torque Wrench With 5/8 Bit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5019-10 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE5019-10 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE5019-10 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
© 2013 Pasternack Enterprises All Rights Reserved
PE5019-10 REV 1.0
Break-Over Torque Wrench With 5/8 Bit For TNC Connectors Preset to 12 in-lbs
PE5019-10
CAD Drawing


Similar Part No. - PE5019-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5019-1 PASTERNACK-PE5019-1 Datasheet
248Kb / 2P
   Break-Over Torque Wrench With 5/16 Bit
PE5019-11 PASTERNACK-PE5019-11 Datasheet
246Kb / 2P
   Break-Over Torque Wrench With 15/64 Bit
PE5019-12 PASTERNACK-PE5019-12 Datasheet
247Kb / 2P
   Break-Over Torque Wrench With 5/32 Bit
PE5019-13 PASTERNACK-PE5019-13 Datasheet
246Kb / 2P
   Break-Over Torque Wrench With 1/4 Bit
PE5019-14 PASTERNACK-PE5019-14 Datasheet
245Kb / 2P
   Break-Over Torque Wrench With 1/4 Bit
More results

Similar Description - PE5019-10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5019-2 PASTERNACK-PE5019-2 Datasheet
248Kb / 2P
   Break-Over Torque Wrench With 5/16 Bit
PE5019-1 PASTERNACK-PE5019-1 Datasheet
248Kb / 2P
   Break-Over Torque Wrench With 5/16 Bit
PE5019-12 PASTERNACK-PE5019-12 Datasheet
247Kb / 2P
   Break-Over Torque Wrench With 5/32 Bit
PE5019-5 PASTERNACK-PE5019-5 Datasheet
253Kb / 2P
   Break-Over Torque Wrench With 20mm Bit
PE5019-16 PASTERNACK-PE5019-16 Datasheet
246Kb / 2P
   Break-Over Torque Wrench With 15/64 Bit
PE5019-6 PASTERNACK-PE5019-6 Datasheet
252Kb / 2P
   Break-Over Torque Wrench With 25/32 Bit
PE5019-11 PASTERNACK-PE5019-11 Datasheet
246Kb / 2P
   Break-Over Torque Wrench With 15/64 Bit
PE5019-14 PASTERNACK-PE5019-14 Datasheet
245Kb / 2P
   Break-Over Torque Wrench With 1/4 Bit
PE5019-8 PASTERNACK-PE5019-8 Datasheet
255Kb / 2P
   Break-Over Torque Wrench With 13/16 Bit
PE5019-7 PASTERNACK-PE5019-7 Datasheet
255Kb / 2P
   Break-Over Torque Wrench With 13/16 Bit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com