Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7864 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7864
Description  500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7864 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7864_14 Datasheet HTML 3Page - Texas Instruments ADS7864_14 Datasheet HTML 4Page - Texas Instruments ADS7864_14 Datasheet HTML 5Page - Texas Instruments ADS7864_14 Datasheet HTML 6Page - Texas Instruments ADS7864_14 Datasheet HTML 7Page - Texas Instruments ADS7864_14 Datasheet HTML 8Page - Texas Instruments ADS7864_14 Datasheet HTML 9Page - Texas Instruments ADS7864_14 Datasheet HTML 10Page - Texas Instruments ADS7864_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
0
62.5
125
250
187.5
Frequency (kHz)
0
−20
−40
−60
−80
−100
−120
0
62.5
125
250
187.5
10k
100k
1k
1M
Input Frequency (Hz)
75
70
65
60
55
50
SINAD
SNR
SNR
1.0
0.6
0.2
−0.2
−0.6
−1.0
SINAD
Temperature (
_C)
−20
−40
0
20
40
60
80
ADS7864
SBAS141A – SEPTEMBER 2000 – REVISED MARCH 2005
All specifications T
A = +25°C, +VA = +VD = +5V, VREF = internal +2.5V and fCLK = 8MHz, fSAMPLE = 500kHz (unless otherwise
noted)
FREQUENCY SPECTRUM
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 99.9kHz, –0.2dB)
(4096 Point FFT; fIN = 199.9kHz, -0.2dB)
Figure 1.
Figure 2.
SIGNAL-TO-NOISE RATIO AND
CHANGE IN SIGNAL-TO-NOISE RATIO
SIGNAL-TO-(NOISE+DISTORTION)
AND SIGNAL-TO-(NOISE+DISTORTION)
vs INPUT FREQUENCY
vs TEMPERATURE
Figure 3.
Figure 4.
7


Similar Part No. - ADS7864_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7864Y BURR-BROWN-ADS7864Y Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250 BURR-BROWN-ADS7864Y/250 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7864Y/250 TI1-ADS7864Y/250 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7864Y/250G4 TI1-ADS7864Y/250G4 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864Y/2K BURR-BROWN-ADS7864Y/2K Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7864_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7864 TI1-ADS7864 Datasheet
994Kb / 27P
[Old version datasheet]   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7864 BURR-BROWN-ADS7864 Datasheet
183Kb / 16P
   500kHz, 12-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com