Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS0111M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0111M
Description  SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0111M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0111M Datasheet HTML 1Page - Solid States Devices, Inc RS0111M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0111M
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SPD __ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
-S = S Level
Package Type
SM = Surface Mount Round Tab
Voltage/Family
5817 = 20V
5818 = 30V
5819 = 40V
SPD5817SM
Thru
SPD5819SM
1 AMP
20 ─ 40 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Extremely Low Forward Voltage Drop
• Hermetically Sealed Surface Mount
Package
• For High Efficiency Applications
• High Surge Capability
• Axial Lead Versions Available
TX, TXV, or Space Level Screening
Available2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SPD5817SM
SPD5818SM
SPD5819SM
VRRM
VRWM
VR
20
30
40
Volts
Average Rectified Output Current
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
1
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave,
superimposed on IO, allow junction to reach
equilibrium between pulses, TA=25
°C)
IFSM
25
Amps
Operating and Storage Temperature
TOP & TSTG
-55 to +125
°C
Maximum Thermal Resistance
Junction to End Tab
RθJE
40
°C/W
NOTES:
1/ For ordering information, Price, and Availability- Contact Factory.
2/
Screening based on MIL-PRF-19500. Screening flows available on request
3/
Unless otherwise specified, all electrical ratings/characteristics @ 25
°C.
SURFACE MOUNT ROUND TAB


Similar Part No. - RS0111M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0111M SSDI-RS0111M_15 Datasheet
104Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - RS0111M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com