Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1271 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS1271
Description  24-bit, Wide Bandwidth Analog-to-Digital Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1271 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1271_14 Datasheet HTML 6Page - Texas Instruments ADS1271_14 Datasheet HTML 7Page - Texas Instruments ADS1271_14 Datasheet HTML 8Page - Texas Instruments ADS1271_14 Datasheet HTML 9Page - Texas Instruments ADS1271_14 Datasheet HTML 10Page - Texas Instruments ADS1271_14 Datasheet HTML 11Page - Texas Instruments ADS1271_14 Datasheet HTML 12Page - Texas Instruments ADS1271_14 Datasheet HTML 13Page - Texas Instruments ADS1271_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADS1271
SBAS306F − NOVEMBER 2004 − REVISED OCTOBER 2007
www.ti.com
10
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD = 5V, DVDD = 1.8V, fCLK = 27MHz, VREFP = 2.5V, VREFN = 0V, unless otherwise noted.
Figure 13
TOTAL HARMONIC DISTORTION
vs FREQUENCY
10
100
1k
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
10k
100k
High−Speed Mode
V
IN = − 0.5dBFS
THD+N
THD
Figure 14
TOTAL HARMONIC DISTORTION
vs INPUT LEVEL
−120
−100
−80
−60
−40
−20
0
Input Amplitude (dBFS)
0
−20
−40
−60
−80
−100
−120
−140
High−Speed Mode
f
IN =1kHz
THD+N
THD
Figure 15
TOTAL HARMONIC DISTORTION
vs FREQUENCY
10
100
1k
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
10k
100k
High−Resolution Mode
V
IN = − 0.5dBFS
THD+N
THD
Figure 16
TOTAL HARMONIC DISTORTION
vs INPUT LEVEL
−120
−100
−80
−60
−40
−20
0
Input Amplitude (dBFS)
0
−20
−40
−60
−80
−100
−120
−140
High−Resolution Mode
f
IN =1kHz
THD+N
THD
Figure 17
TOTAL HARMONIC DISTORTION
vs FREQUENCY
10
100
1k
Frequency (Hz)
0
−20
−40
−60
−80
−100
−120
10k
100k
Low−Power Mode
V
IN = −0.5dBFS
THD+N
THD
Figure 18
TOTAL HARMONIC DISTORTION
vs INPUT LEVEL
−120
−100
−80
−60
−40
−20
0
Input Amplitude (dBFS)
0
−20
−40
−60
−80
−100
−120
−140
Low−Power Mode
f
IN =1kHz
THD+N
THD


Similar Part No. - ADS1271_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
[Old version datasheet]   modular EVM form factor
ADS1271EVM-PDK TI-ADS1271EVM-PDK Datasheet
388Kb / 16P
[Old version datasheet]   modular EVM form factor
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271IBPWG4 TI1-ADS1271IBPWG4 Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1271IBPWR TI1-ADS1271IBPWR Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
More results

Similar Description - ADS1271_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1271 BURR-BROWN-ADS1271 Datasheet
381Kb / 29P
   24 BIT WIDE BANDWIDTH ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS127L01 TI1-ADS127L01 Datasheet
3Mb / 86P
[Old version datasheet]   24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter
ADS1271IBPW TI1-ADS1271IBPW Datasheet
793Kb / 38P
[Old version datasheet]   24-Bit, Wide Bandwidth Analog-to-Dogotal Converter
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com