Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5277 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5277
Description  8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5277 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5277 Datasheet HTML 2Page - Texas Instruments ADS5277 Datasheet HTML 3Page - Texas Instruments ADS5277 Datasheet HTML 4Page - Texas Instruments ADS5277 Datasheet HTML 5Page - Texas Instruments ADS5277 Datasheet HTML 6Page - Texas Instruments ADS5277 Datasheet HTML 7Page - Texas Instruments ADS5277 Datasheet HTML 8Page - Texas Instruments ADS5277 Datasheet HTML 9Page - Texas Instruments ADS5277 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AC CHARACTERISTICS
ADS5272
SBAS324C – JUNE 2004 – REVISED JANUARY 2009...................................................................................................................................................... www.ti.com
TMIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty
cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, ISET = 56.2kΩ, internal voltage reference, and LVDS buffer current at 3.5mA per
channel, unless otherwise noted.
ADS5272
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
fIN = 1MHz
90
dBc
fIN = 5MHz
77
89
dBc
SFDR Spurious-Free Dynamic Range
fIN = 10MHz
87
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
99
dBc
fIN = 5MHz
84
93
dBc
HD2 2nd-Order Harmonic Distortion
fIN = 10MHz
92
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
92
dBc
fIN = 5MHz
77
89
dBc
HD3 3rd-Order Harmonic Distortion
fIN = 10MHz
87
dBc
fIN = 20MHz
86
dBc
fIN = 1MHz
71.2
dBFS
fIN = 5MHz
69
71.1
dBFS
SNR Signal-to-Noise Ratio
fIN = 10MHz
70.8
dBFS
fIN = 20MHz
70
dBFS
fIN = 1MHz
71.1
dBFS
fIN = 5MHz
68.5
71
dBFS
SINAD Signal-to-Noise and Distortion
fIN = 10MHz
70.7
dBFS
fIN = 20MHz
69.9
dBFS
ENOB Effective Number of Bits
fIN = 5MHz
11.1
11.5
Bits
5MHz Full-Scale Signal Applied to 7 Channels;
Crosstalk
–89
dBc
Measurement Taken on the Channel with No Input Signal
f1 = 9.5MHz at –7dBFS
Two-Tone, Third-Order
IMD3
96
dBFS
Intermodulation Distortion
f2 = 10.2MHz at –7dBFS
6
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5272


Similar Part No. - ADS5277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5277 TI-ADS5277 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277 TI1-ADS5277 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFP TI-ADS5277IPFP Datasheet
1Mb / 32P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5277IPFP TI1-ADS5277IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
ADS5277IPFPG4 TI1-ADS5277IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
ADS5242 TI-ADS5242 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
   8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com