Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1254 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS1254
Description  24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1254 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS1254_14 Datasheet HTML 7Page - Texas Instruments ADS1254_14 Datasheet HTML 8Page - Texas Instruments ADS1254_14 Datasheet HTML 9Page - Texas Instruments ADS1254_14 Datasheet HTML 10Page - Texas Instruments ADS1254_14 Datasheet HTML 11Page - Texas Instruments ADS1254_14 Datasheet HTML 12Page - Texas Instruments ADS1254_14 Datasheet HTML 13Page - Texas Instruments ADS1254_14 Datasheet HTML 14Page - Texas Instruments ADS1254_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADS1254
11
SBAS213B
www.ti.com
FIGURE 12. DOUT/DRDY Partitioning.
DATA
DRDY Mode
DOUT Mode
DOUT Mode
DATA
DATA
t
4
t
2
t
3
t
1
DRDY Mode
DOUT/DRDY
CONTROL LOGIC
The control logic is used for communications and control of
the ADS1254.
Power-Up Sequence
Prior to power-up, all digital and analog-input pins must be
LOW. During power-up, these signal inputs should never
exceed +AVDD or +DVDD.
Once the ADS1254 powers up, the DOUT/DRDY line will
pulse LOW on the first conversion for which the data is valid
from the analog input signal.
DOUT/DRDY
The DOUT/DRDYoutput signal alternates between two
modes of operation. The first mode of operation is the Data
Ready mode (DRDY) to indicate that new data has been
loaded into the data-output register and is ready to be read.
The second mode of operation is the Data Output (DOUT)
mode and is used to serially shift data out of the Data Output
Register (DOR). The time domain partitioning of the DRDY
and DOUT function as shown in Figure 12.
See Figure 13 for the basic timing of DOUT/DRDY. During
the time defined by t2, t3, and t4, the DOUT/DRDY pin
functions in DRDY mode. The state of the DOUT/DRDY
pin would be HIGH prior to the internal transfer of new data
to the DOR. The result of the A/D conversion would be
written to the DOR from MSB to LSB in the time defined by
t1 (see Figures 12 and 13). The DOUT/DRDY line would
then pulse LOW for the time defined by t2, and then drive the
line HIGH for the time defined by t3 to indicate that new data
was available to be read. At this point, the function of the
DOUT/DRDY pin would change to DOUT mode. Data
would be shifted out on the pin after t7. If the MSB is high
(because of a negative result) the DOUT/DRDY signal will
stay HIGH after the end of time t3. The device communicat-
ing with the ADS1254 can provide SCLKs to the ADS1254
after the time defined by t6. The normal mode of reading
data from the ADS1254 would be for the device reading the
ADS1254 to latch the data on the rising edge of SCLK (since
data is shifted out of the ADS1254 on the falling edge of
SCLK). In order to retrieve valid data, the entire DOR must
be read before the DOUT/DRDY pin reverts back to DRDY
mode.
If SCLKs were not provided to the ADS1254 during the
DOUT mode, the MSB of the DOR would be present on the
DOUT/DRDY line until the beginning of the time defined
by t4. If an incomplete read of the ADS1254 took place
while in DOUT mode (that is, fewer than 24 SCLKs were
provided), the state of the last bit read would be present on
the DOUT/DRDY line until the beginning of the time
defined by t4. If more than 24 SCLKs were provided during
DOUT mode, the DOUT/DRDY line would stay LOW until
the time defined by t4.
The internal data pointer for shifting data out on
DOUT/DRDY is reset on the falling edge of the time defined
by t1 and t4. This ensures that the first bit of data shifted out
of the ADS1254 after DRDY mode is always the MSB of
new data.
SYNCHRONIZING MULTIPLE CONVERTERS
The normal state of SCLK is LOW; however, by holding
SCLK HIGH, multiple ADS1254s can be synchronized. This
is accomplished by holding SCLK HIGH for at least four, but
less than twenty, consecutive DOUT/DRDY cycles (see Fig-
ure 14). After the ADS1254 circuitry detects that SCLK has
been held HIGH for four consecutive DOUT/DRDY cycles,
the DOUT/DRDY pin will pulse LOW for 3 CLK cycles and
then be held HIGH, and the modulator will be held in a reset
state. The modulator will be released from reset and synchro-
nization will occur on the falling edge of SCLK. With
multiple converters, the falling edge transition of SCLK must
occur simultaneously on all devices. It is important to note
that prior to synchronization, the DOUT/DRDY pulse of
multiple ADS1254s in the system could have a difference in
timing up to one DRDY period. Therefore, to ensure synchro-
nization, the SCLK should be held HIGH for at least five
DRDY cycles. The first DOUT/DRDY pulse after the falling
edge of SCLK will occur at t14. The first DOUT/DRDY pulse
indicates valid data.
POWER-DOWN MODE
The normal state of SCLK is LOW, however, by holding
SCLK HIGH, the ADS1254 will enter power-down mode.
This is accomplished by holding SCLK HIGH for at least
twenty consecutive DOUT/DRDY periods (see Figure 15).
After the ADS1254 circuitry detects that SCLK has been
held HIGH for four consecutive DOUT/DRDY cycles, the
DOUT/DRDY pin will pulse LOW for 3 CLK cycles and
then be held HIGH, and the modulator will be held in a
reset state. If SCLK is held HIGH for an additional sixteen
DOUT/DRDY periods, the ADS1254 will enter
power-down mode. The part will be released from power-
down mode on the falling edge of SCLK. It is important to
note that the DOUT/DRDY pin will be held HIGH after four
DOUT/DRDY cycles, but power-down mode will not be
entered for an additional sixteen DOUT/DRDY periods. The
first DOUT/DRDY pulse after the falling edge of SCLK
will occur at t16 and will indicate valid data. Subsequent
DOUT/DRDY pulses will occur normally.


Similar Part No. - ADS1254_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254E BURR-BROWN-ADS1254E Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
ADS1254E/2K5 BURR-BROWN-ADS1254E/2K5 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1254WDBQEP TI1-ADS1254WDBQEP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1254_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1253 TI-ADS1253 Datasheet
369Kb / 16P
[Old version datasheet]   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1254 BURR-BROWN-ADS1254 Datasheet
281Kb / 15P
   24-Bit, 20kHz, Low Power ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1251 TI1-ADS1251_15 Datasheet
903Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251UG4 TI-ADS1251UG4 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI1-ADS1251_14 Datasheet
901Kb / 24P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1251 TI-ADS1251 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1253 TI1-ADS1253_14 Datasheet
731Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1245 BURR-BROWN-ADS1245 Datasheet
254Kb / 19P
   Low-Power, 24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1245 TI1-ADS1245_14 Datasheet
829Kb / 23P
[Old version datasheet]   Low-Power, 24-Bit Analog-to-Digital Converter`
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com