Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1252 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1252
Description  24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1252 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1252 Datasheet HTML 2Page - Texas Instruments ADS1252 Datasheet HTML 3Page - Texas Instruments ADS1252 Datasheet HTML 4Page - Texas Instruments ADS1252 Datasheet HTML 5Page - Texas Instruments ADS1252 Datasheet HTML 6Page - Texas Instruments ADS1252 Datasheet HTML 7Page - Texas Instruments ADS1252 Datasheet HTML 8Page - Texas Instruments ADS1252 Datasheet HTML 9Page - Texas Instruments ADS1252 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ADS1252
6
SBAS127D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VDD = +5V, CLK = 16MHz, and VREF = 4.096V, unless otherwise specified.
110
105
100
95
90
85
80
COMMON-MODE REJECTION RATIO
vs CLK FREQUENCY
CLK Frequency (MHz)
0
5
10
15
20
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
CURRENT vs TEMPERATURE
Temperature (
°C)
–40
–20
0
20
40
60
80
100
45
40
35
30
25
20
15
10
5
0
POWER DISSIPATION vs CLOCK FREQUENCY
CLK Frequency (MHz)
0
5
10
15
20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
TYPICAL FFT ANALYSIS
OF THE 1kHz f
S INPUT SIGNAL
Imput Signal Frequency (Hz)
0
2000
6000
4000
8000
10000
12000
14000
100
95
90
85
80
75
70
65
60
POWER-SUPPLY REJECTION RATIO
vs CLK FREQUENCY
CLK Frequency (MHz)
0
5
10
15
20


Similar Part No. - ADS1252

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1252 TI-ADS1252 Datasheet
885Kb / 23P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
ADS1252 TI1-ADS1252 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
ADS1252K5 TI-ADS1252K5 Datasheet
323Kb / 17P
[Old version datasheet]   24-Bit, 20kHz, Low-Power ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1252U BURR-BROWN-ADS1252U Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1252 TI1-ADS1252_16 Datasheet
352Kb / 21P
[Old version datasheet]   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1252 BURR-BROWN-ADS1252 Datasheet
131Kb / 14P
   24-Bit, 40kHz ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com